Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV14D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV14D
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV14D Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV14D Datasheet HTML 1Page - Texas Instruments SN74LV14D Datasheet HTML 2Page - Texas Instruments SN74LV14D Datasheet HTML 3Page - Texas Instruments SN74LV14D Datasheet HTML 4Page - Texas Instruments SN74LV14D Datasheet HTML 5Page - Texas Instruments SN74LV14D Datasheet HTML 6Page - Texas Instruments SN74LV14D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54LV14, SN74LV14
HEX SCHMITT-TRIGGER INVERTERS
SCLS187C – FEBRUARY 1993 – REVISED FEBRUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 2-
µ Process
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
> 2 V at VCC, TA = 25°C
D ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015; Exceeds
200 V Using Machine Model (C = 200 pF,
R = 0)
D Latch-Up Performance Exceeds 250 mA
JESD 17
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), Thin Shrink Small-Outline (PW),
Ceramic Flat (W) Packages, Chip Carriers
(FK), and (J) 300-mil DIPs
description
These hex Schmitt-trigger inverters are designed
for 2.7-V to 5.5-V VCC operation.
The ’LV14 devices contain six independent
inverters. These devices perform the Boolean
function Y = A.
The SN54LV14 is characterized for operation over
the full military temperature range of –55
°C to
125
°C. The SN74LV14 is characterized for
operation from –40
°C to 85°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
Copyright
© 1998, Texas Instruments Incorporated
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LV14 ...J OR W PACKAGE
SN74LV14 . . . D, DB, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LV14 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LV14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV14 TI-SN74LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LV14A TI-SN74LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LV14A TI-SN74LV14A Datasheet
689Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74LV14A-EP TI1-SN74LV14A-EP Datasheet
569Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74LV14A-Q1 TI1-SN74LV14A-Q1 Datasheet
209Kb / 9P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74LV14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com