Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP122RTQT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP122RTQT
Description  DisplayPort 1:2 Switch With Integrated TMDS Translator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP122RTQT Datasheet(HTML) 5 Page - Texas Instruments

  SN75DP122RTQT Datasheet HTML 1Page - Texas Instruments SN75DP122RTQT Datasheet HTML 2Page - Texas Instruments SN75DP122RTQT Datasheet HTML 3Page - Texas Instruments SN75DP122RTQT Datasheet HTML 4Page - Texas Instruments SN75DP122RTQT Datasheet HTML 5Page - Texas Instruments SN75DP122RTQT Datasheet HTML 6Page - Texas Instruments SN75DP122RTQT Datasheet HTML 7Page - Texas Instruments SN75DP122RTQT Datasheet HTML 8Page - Texas Instruments SN75DP122RTQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ABSOLUTE MAXIMUM RATINGS
SN75DP122
www.ti.com......................................................................................................................................... SLLS892A – FEBRUARY 2008 – REVISED NOVEMBER 2008
Table 1. Control Pin Lookup Table
SIGNAL
LEVEL(1)
STATE
DESCRIPTION
H
Normal Mode
Normal operational mode for device
LP
Device is forced into a low power state causing the outputs to go to a high impedance
L
Low Power Mode
state. All other inputs are ignored
H
TMDS Port has
If both DP_HPD_SINK and TMDS_HPD_SINK are high, the TMDS port is selected
Priority
Priority
L
DP Port has Priority
If both DP_HPD_SINK and TMDS_HPD_SINK are high, the DP port is selected
The Internal I2C register is active and readable when the TMDS port is selected
H
HDMI
indicating that the connector being used is HDMI
I2C_EN
The Internal I2C register is disabled and not readable when the TMDS port is selected
L
DVI
indicating that the connector being used is DVI
4.53 k
Increased Gain
Main link displayport output has an increased voltage swing
DPVadj
6.49 k
Nominal Gain
Main link displayport output has a nominal voltage swing
10 k
Decreased Gain
Main link displayport output has a decreased voltage swing
Compliant Voltage
VSadj
5.11 k
Driver output voltage swing precision control to aid with system compliance
Swing
(1)
(H) Logic High; (L) Logic Low
Explanation of the internal switching logic of the SN75DP122 is located in the application section at the end of
this data sheet.
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
SN75DP122RTQR
75DP122
56-pin QFN Reel (large)
SN75DP122RTQT
75DP122
56-pin QFN Reel (small)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range(2)
VDD, VDD
*1
–0.3 to 5.25
V
Supply voltage range
VCC
–0.3 to 3.6
V
Main Link I/O (ML_IN x, DP_SINK x) Differential Voltage
1.5
V
TMDS I/O
–0.3 to 4
V
Voltage range
HPD and CAD I/O
–0.3 to 5.25
V
Auxiliary I/O
–0.3 to 5.25
V
Control I/O
–0.3 to 5.25
V
Auxiliary and I2C I/O
±8000
Human body model(3)
V
All other pins
±12000
Electrostatic discharge
Charged-device model(3)
±1000
V
Machine model(4)
±200
V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN75DP122


Similar Part No. - SN75DP122RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP122RTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com