Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP122RTQRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75DP122RTQRG4
Description  DisplayPort 1:2 Switch With Integrated TMDS Translator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP122RTQRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75DP122RTQRG4 Datasheet HTML 6Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 7Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 8Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 9Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 10Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 11Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 12Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 13Page - Texas Instruments SN75DP122RTQRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
DisplayPort Auxiliary Pins
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
3.3V
10 pF
0.5 pF
AUX+
AUX-
50 W
50 W
100 W
SN75DP122
CAD=0
AUX
+ or -
3.3 V
3.3 V
10 pF
50 pF
2kW
100kW
SN75DP122
CAD=1
SN75DP122
SLLS892A – FEBRUARY 2008 – REVISED NOVEMBER 2008......................................................................................................................................... www.ti.com
The SN75DP122 is designed to support the bidirectional auxiliary signals through the DisplayPort port in both a
differential (DisplayPort) mode and an I2C (DVI, HDMI) mode. The performance of the Auxiliary bus is optimized
based on the status of the CAD_SINK pin.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VPass1
Maximum passthrough voltage (CAD=1)
VDD = 4.5 V, VI = 5 V, IO = 100 µA
2.4
3.6
V
IOZ
Output current from unselected output
VDD = 5.25 V, VO = 0 V to 3.6 V, VI = 0 V
–5
5
µA
DC bias = 1 V, AC = 1.4 Vp-p, F = 100 kHz,
CIO(off)
I/O capacitance when in low power
9
12
pF
CAD = High
DC bias = 1 V, AC = 1.4 Vp-p, F = 100 kHz,
CIO(on)
I/O capacitance when in normal operation
18
25
pF
CAD = Low
rON(C0)
On resistance
VDD = 4.5 V, VI = 0 V or 3.6 V, IO = 5 mA, CAD = Low
5
10
ΔrON
On resistance
VDD = 4.5 V, VI = 0 V or 2 V, IO = 5 mA, CAD = Low
1
5
rON(C1)
On resistance
VDD = 4.5 V, VI = 0.4 V , IO = 3 mA , CAD = High
10
18
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsk(AUX)
Intra-pair skew
VID = 400 mV, VIC = 2 V
40
80
ps
IL(AUX)
Single Line Insertion Loss
VID = 500 mV, VIC = 2 V, F = 1 MHz, CAD = Low
0.4
dB
tPLH(AUXC0)
Propagation delay time, low to high
CAD = Low, F = 1 MHz
3
ns
tPHL(AUXC0)
Propagation delay time, high to low
CAD = Low, F = 1 MHz
3
ns
tPLH(AUXC1)
Propagation delay time, low to high
CAD = High, F = 100 kHz
3
ns
tPHL(AUXC1)
Propagation delay time, high to low
CAD = High, F = 100 kHz
3
ns
Figure 5. Auxiliary Channel Test Circuit (CAD = LOW)
Figure 6. Auxiliary Channel Test Circuit (CAD = HIGH)
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP122


Similar Part No. - SN75DP122RTQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQR TI1-SN75DP122ARTQR Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122ARTQT TI1-SN75DP122ARTQT Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP122RTQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com