Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6155F Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECQE6155F
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6155F Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECQE6155F Datasheet HTML 6Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 7Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 8Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 9Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 10Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 11Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 12Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 13Page - Panasonic Semiconductor ECQE6155F Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Frequency Characteristics
Temperature Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
ECQE(F) Type 100VDC Series (Metallized Polyester Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
10uF
4.7uF
1.0uF
10uF
4.7uF
1.0uF
10uF
4.7uF
1.0uF
10uF
4.7uF
1.0uF
1.0uF
4.7uF
10uF
1.0uF
4.7uF
10uF


Similar Part No. - ECQE6155F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE6155F PANASONIC-ECQE6155F Datasheet
345Kb / 19P
   Metallized polyester Film Capacitor
ECQE6155F PANASONIC-ECQE6155F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE6155F PANASONIC-ECQE6155F Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE6155F PANASONIC-ECQE6155F Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
ECQE6155F PANASONIC-ECQE6155F Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
More results

Similar Description - ECQE6155F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com