Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS12S1205C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NCS12S1205C
Description  Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS12S1205C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NCS12S1205C Datasheet HTML 1Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 2Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 3Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 4Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 5Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 6Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 7Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 8Page - Murata Power Solutions Inc. NCS12S1205C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCS12 Series
Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
KDC_NCS12C.A02 Page 2 of 14
All enquiries: www.murata-ps.com/support
www.murata-ps.com
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
All output types
12
W
Minimal load to meet datasheet specification
10
%
Voltage set point accuracy
Positive outputs
±2
Negative outputs
±3
%
Line regulation
Low line to high line
Positive outputs
0.04
0.1
%
Negative outputs
0.3
1
Cross Regulation
D1205 & D4805
±4
±6.5
%
D1212, D1215 ,D4812, D4815
±2
±5
Transient response
Peak deviation (12.5-37.5% & 37.5-12.5% swing)
5
%Vout
Settling time
(within 1% Vout Nom.)
Single output types
500
μs
Dual output types
250
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 seconds
1500
VDC
Resistance
Viso = 1kVDC
1
Capacitance
S1203, S1205, S4803, S4805
600
pF
All other types
230
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection (for SELV input voltages)
30 minutes
Control pin input voltage
18V Max
Lead temperature 1.0mm from case for 10 seconds (to JEDEC JESD22-B106 ISS C)
260°C
Input voltage, NCS12 12V input types
40V
Input voltage, NCS12 48V input types
80V
GENERAL CHARACTERISTICS1
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
S1203, S1205, S4803 & S4805
340
kHz
All other types
220
Control pin input
Module on, pin unconnected or open collector floating
Module off
0.8
V
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
With derating - see derating graph
-40
85
°C
Storage
-50
125
Case temperature above ambient
100% Load, Nom VIN,
Still Air
NCS12S1203C
65
NCS12S1215C, NCS12D1205C, NCS12D4805C
60
All other types
44
Thermal shutdown
Case Temperature
Single 3.3V & 5V outputs
135
All other types
120


Similar Part No. - NCS12S1205C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12S1205C MURATA-PS-NCS12S1205C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
NCS12S1205C MURATA-PS-NCS12S1205C Datasheet
536Kb / 18P
   Isolated 12W 4:1 Input Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NCS12S1205C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS6 MURATA-PS-NCS6 Datasheet
135Kb / 6P
   Isolated 6W 4:1 Input Single Output DC/DC Converters
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
NCS1 MURATA-PS-NCS1 Datasheet
301Kb / 8P
   Isolated 1W 4:1 Input Single Output DC/DC Converters
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
   Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
   4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
   4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com