Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP0504BAJTG Datasheet(PDF) 3 Page - Littelfuse

Part # SP0504BAJTG
Description  30pF 30kV Unidirectional TVS Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAJTG Datasheet(HTML) 3 Page - Littelfuse

  SP0504BAJTG Datasheet HTML 1Page - Littelfuse SP0504BAJTG Datasheet HTML 2Page - Littelfuse SP0504BAJTG Datasheet HTML 3Page - Littelfuse SP0504BAJTG Datasheet HTML 4Page - Littelfuse SP0504BAJTG Datasheet HTML 5Page - Littelfuse SP0504BAJTG Datasheet HTML 6Page - Littelfuse SP0504BAJTG Datasheet HTML 7Page - Littelfuse SP0504BAJTG Datasheet HTML 8Page - Littelfuse SP0504BAJTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
17
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: March 20, 2012
SP050xBA Lead-Free/Green Series
General Purpose ESD Protection - SP05 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Package Dimensions — SOT143
503B
E
E1
c
e
e1
1
2
4
3
b2
b
A1
A
D
L
L1
SP0503BAHTG - SOT143-4
Package
SOT143-4
Pins
4
JEDEC
TO-253
Millimeters
Inches
Min
Max
Min
Max
A
0.8
1.22
0.03
0.048
A1
0.05
0.15
0.002
0.006
b
0.30
0.50
0.012
0.020
b2
0.76
0.89
0.030
0.035
c
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.082
0.104
E1
1.20
1.40
0.047
0.055
e
1.92 BSC
0.076 BSC
e1
0.20 BSC
0.008 BSC
L
0.4
0.6
0.016
0.024
L1
0.550 REF
0.022 REF
3.40 (.134")
3.60 (.140")
0.80 (.032")
1.00 (.040")
2.20
(.087")
REF
1.90
(.075")
1.70
(.067")
1.00 (.040")
1.20 (.048")
0.80 (.032")
1.00 (.040")
BSC
MAX
1.40 (.055")
Recommended Pad Layout


Similar Part No. - SP0504BAJTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
178Kb / 7P
   SP050xBA Lead-Free/Green Series
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
logo
Shanghai Leiditech Elec...
SP0504BAJTG LEIDITECH-SP0504BAJTG Datasheet
820Kb / 4P
   Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
More results

Similar Description - SP0504BAJTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP05 LITTELFUSE-SP05_17 Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
   30pF 30kV Unidirectional Discrete TVS
SP1044 LITTELFUSE-SP1044 Datasheet
2Mb / 4P
   SP1044 Series 30pF 30kV Unidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
   AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
   AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
   SP1305 30pF, 30kV TVS Diode Array
SP1003 LITTELFUSE-SP1003_11 Datasheet
243Kb / 4P
   SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
   30pF 30kV Bidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
   30pF 30kV Bidirectional Discrete TVS
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com