Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3253PWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74CBTLV3253PWRE4
Description  LOW-VOLTAGE DUAL 1-OF-4 FET MULTIP LEXER DEMULTIP LEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV3253PWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74CBTLV3253PWRE4 Datasheet HTML 1Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 2Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 3Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 4Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 5Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 6Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 7Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 8Page - Texas Instruments 74CBTLV3253PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN74CBTLV3253
LOW VOLTAGE DUAL 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
SCDS039H − DECEMBER 1997 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Functionally Equivalent to QS3253
D 5-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
S1
1B4
1B3
1B2
1B1
1A
GND
VCC
2OE
S0
2B4
2B3
2B2
2B1
2A
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
2OE
S0
2B4
2B3
2B2
2B1
S1
1B4
1B3
1B2
1B1
1A
description/ordering information
The SN74CBTLV3253 is a dual 1-of-4 high-speed FET multiplexer/demultiplexer. The low on-state resistance
of the switch allows connections to be made with minimal propagation delay.
The select (S0, S1) inputs control the data flow. The FET multiplexers/demultiplexers are disabled when the
associated output-enable (OE) input is high.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CBTLV3253RGYR
CL253
SOIC − D
Tube
SN74CBTLV3253D
CBTLV3253
−40
°C to 85°C
SOIC − D
Tape and reel
SN74CBTLV3253DR
CBTLV3253
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBTLV3253DBQR
CL253
TSSOP − PW
Tape and reel
SN74CBTLV3253PWR
CL253
TVSOP − DGV
Tape and reel
SN74CBTLV3253DGVR
CL253
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - 74CBTLV3253PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV3253PWRE4 TI1-74CBTLV3253PWRE4 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com