Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1218Y250 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1218Y250
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1218Y250 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1218Y250 Datasheet HTML 1Page - Texas Instruments ADS1218Y250 Datasheet HTML 2Page - Texas Instruments ADS1218Y250 Datasheet HTML 3Page - Texas Instruments ADS1218Y250 Datasheet HTML 4Page - Texas Instruments ADS1218Y250 Datasheet HTML 5Page - Texas Instruments ADS1218Y250 Datasheet HTML 6Page - Texas Instruments ADS1218Y250 Datasheet HTML 7Page - Texas Instruments ADS1218Y250 Datasheet HTML 8Page - Texas Instruments ADS1218Y250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: AV
DD = 3V
ADS1218
SBAS187C – SEPTEMBER 2001 – REVISED SEPTEMBER 2005
All specifications T
MIN to TMAX, AVDD = +3V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, fOSC = 2.4576MHz, PGA = 1, Buffer On,
R
DAC = 75kΩ, VREF ≡ (REF IN+) – (REF IN–) = +1.25V, and fDATA = 10Hz, unless otherwise specified.
ADS1218
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Analog Input Range
Buffer Off
AGND – 0.1
AVDD + 0.1
V
Buffer On
AGND + 0.05
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–), See Block Diagram
±VREF/PGA
V
Input Impedance
Buffer Off
5/PGA
M
Input Current
Buffer On
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469 × fDATA
Hz
–3dB
0.318 × fDATA
Hz
Sinc2 Filter
–3dB
0.262 × fDATA
Hz
Sinc3 Filter
Programmable Gain Amplifier
User-Selectable Gain Ranges
1
128
Input Capacitance
9
pF
Input Leakage Current
Modulator Off, T = +25°C
5
pA
Burnout Current Sources
2
µA
OFFSET DAC
Offset DAC Range
±VREF/(2 × PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±10
%
Offset DAC Gain Error Drift
2
ppm/°C
SYSTEM PERFORMANCE
Resolution
24
Bits
No Missing Codes
24
Bits
Integral Nonlinearity
End Point Fit
±0.0015
% of FS
Offset Error(1)
Before Calibration
15
ppm of FS
Offset Drift(1)
0.04
ppm of FS/°C
Gain Error
After Calibration
0.010
%
Gain Error Drift(1)
1.0
ppm/°C
Common-Mode Rejection
at DC
100
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Output Noise
See Typical Characteristics
Power-Supply Rejection
at DC, dB = –20 log(
∆VOUT/∆VDD)(2)
75
90
dB
VOLTAGE REFERENCE INPUT
Reference Input Range
REF IN+, REF IN–
0
AVDD
V
VREF
VREF ≡ (REF IN+) – (REF IN–)
0.1
1.25
V
Common-Mode Rejection
at DC
120
dB
Common-Mode Rejection
fVREFCM = 60Hz, fDATA = 60Hz
120
dB
Bias Current(3)
VREF = 1.25V
0.65
µA
(1)
Calibration can minimize these errors.
(2)
∆VOUT is change in digital result.
(3)
12pF switched capacitor at fSAMP clock frequency.
5


Similar Part No. - ADS1218Y250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1218Y250 BURR-BROWN-ADS1218Y250 Datasheet
459Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Texas Instruments
ADS1218Y250 TI1-ADS1218Y250 Datasheet
1,004Kb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
ADS1218Y250G4 TI1-ADS1218Y250G4 Datasheet
1,004Kb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
More results

Similar Description - ADS1218Y250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1218 TI1-ADS1218_16 Datasheet
1Mb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
ADS1218 TI1-ADS1218_14 Datasheet
1,004Kb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Burr-Brown (TI)
ADS1218 BURR-BROWN-ADS1218 Datasheet
459Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com