Electronic Components Datasheet Search |
|
BQ20Z90DBT-V150G4 Datasheet(PDF) 3 Page - Texas Instruments |
|
BQ20Z90DBT-V150G4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 15 page www.ti.com bq20z90 SLUS778 – JULY 2007 TERMINAL FUNCTIONS TERMINAL I/O(1) DESCRIPTION NO. NAME 1 NC – Not used— leave floating 2 XALERT I Input from bq29330 XALERT output. 3 SDATA I/O Data transfer to and from bq29330 4 SCLK I/O Communication clock to the bq29330 5 CLKOUT O 32.768-kHz output for the bq29330. This pin should be directly connected to the AFE. 6 TS1 I 1st Thermistor voltage input connection to monitor temperature 7 TS2 I 2nd Thermistor voltage input connection to monitor temperature 8 PRES I Active low input to sense system insertion and typically requires additional ESD protection Active low input to detect secondary protector output status and allows the bq20z90 to report the 9 PFIN I status of the 2nd level protection output 10 SAFE O Active high output to enforce additional level of safety protection; e.g., fuse blow. 11 SMBD I/OD SMBus data open-drain bidirectional pin used to transfer address and data to and from the bq20z90 12 NC – Not used— leave floating 13 SMBC I/OD SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq20z90 Display control for the LEDs. This pin is typically connected to bq29330 REG via a 100-k Ω resistor 14 DISP I and a push-button switch to VSS. 15 NC – Not used— leave floating 16 LED1 O LED1 display segment that drives an external LED depending on the firmware configuration 17 LED2 O LED2 display segment that drives an external LED depending on the firmware configuration 18 LED3 O LED3 display segment that drives an external LED depending on the firmware configuration 19 LED4 O LED4 display segment that drives an external LED depending on the firmware configuration 20 LED5 O LED5 display segment that drives an external LED depending on the firmware configuration 21 VSS – Connected I/O pin to VSS Connections to the top of a small-value sense resistor to monitor the battery charge- and 22 SRP IA discharge-current flow Connections to the bottom of a small-value sense resistor to monitor the battery charge- and 23 SRN IA discharge-current flow Master reset input that forces the device into reset when held low. Must be held high for normal 24 MRST I operation 25 VSS P Negative Supply Voltage 26 VCC P Positive Supply Voltage Backup power to the bq20z90 data registers during periods of low operating voltage. RBI accepts a 27 RBI P storage capacitor or a battery input. 28 NC – Not used— leave floating 29 VCELL+ I Input from bq29330 used to read a scaled value of individual cell voltages 30 VCELL- I Input from bq29330 used to read a scaled value of individual cell voltages (1) I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): bq20z90 |
Similar Part No. - BQ20Z90DBT-V150G4 |
|
Similar Description - BQ20Z90DBT-V150G4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |