Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z90DBT-V150G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ20Z90DBT-V150G4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z90DBT-V150G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ20Z90DBT-V150G4 Datasheet HTML 2Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 3Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 4Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 5Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 6Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 7Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 8Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 9Page - Texas Instruments BQ20Z90DBT-V150G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
DATA FLASH MEMORY CHARACTERISTICS
REGISTER BACKUP
bq20z90
SLUS778 – JULY 2007
OSCILLATOR (continued)
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(LSXO) Start-up time
(5)
500
μs
(5)
The start-up time is defined as the time it takes for the oscillator output frequency to be ± 3%.
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention
See (1)
10
Years
Flash programming write-cycles
See (1)
20,000
Cycles
t(WORDPROG) Word programming time
See (1)
2
ms
I(DDdPROG)
Flash-write supply current
See (1)
5
10
mA
(1)
Assured by design. Not production tested
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(RB)
RB data-retention input current
V(RB) > V(RBMIN), VCC < VIT-
1500
nA
V(RB) > V(RBMIN), VCC < VIT-, TA = 0°C
40
160
to 50
°C
V(RB)
RB data-retention voltage(1)
1.7
V
(1)
Specified by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq20z90


Similar Part No. - BQ20Z90DBT-V150G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90DBT-V150G4 TI1-BQ20Z90DBT-V150G4 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z90DBT-V150G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com