Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2057CDGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2057CDGKR
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057CDGKR Datasheet(HTML) 4 Page - Texas Instruments

  BQ2057CDGKR Datasheet HTML 1Page - Texas Instruments BQ2057CDGKR Datasheet HTML 2Page - Texas Instruments BQ2057CDGKR Datasheet HTML 3Page - Texas Instruments BQ2057CDGKR Datasheet HTML 4Page - Texas Instruments BQ2057CDGKR Datasheet HTML 5Page - Texas Instruments BQ2057CDGKR Datasheet HTML 6Page - Texas Instruments BQ2057CDGKR Datasheet HTML 7Page - Texas Instruments BQ2057CDGKR Datasheet HTML 8Page - Texas Instruments BQ2057CDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
4
www.ti.com
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
SOIC (SN) and
TSSOP (TS)
MSOP
(DGK)
I/O
DESCRIPTION
BAT
2
8
I
Voltage sense input
CC
7
5
O
Charge control output
COMP
8
6
I
Charge-rate compensation input (AutoComp)
SNS
1
7
I
Current sense input
STAT
5
3
O
Charge status output
TS
4
2
I
Temperature sense input
VCC
3
1
I
Supply voltage
VSS
6
4
Ground
detailed description
current-sense input
Battery current is sensed via the voltage developed on this pin by an external sense resistor. The external
resistor can be placed on either the high or low side of the battery. (See schematics for details.)
battery-voltage input
Voltage sense-input tied directly to the positive side of the battery.
temperature sense input
Input for an external battery-temperature monitoring circuit. Connecting this input to VCC/2 disables this feature.
charge-status output
3-state indication of charge in progress, charge complete, and temperature fault or sleep mode.
charge-control output
Source-follower output that drives an external pass-transistor (PNP or P-channel MOSFET) for current and
voltage regulation.
charge-rate compensation input
Sets the charge-rate compensation level. The voltage-regulation output may be programmed to vary as a
function of the charge current delivered to the battery.
supply voltage input
Power supply input and current reference for high-side sensing configuration.


Similar Part No. - BQ2057CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057CDGKR TI-BQ2057CDGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
More results

Similar Description - BQ2057CDGKR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com