Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2057CSNG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2057CSNG4
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057CSNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2057CSNG4 Datasheet HTML 5Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 6Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 7Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 8Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 9Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 10Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 11Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 12Page - Texas Instruments BQ2057CSNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
9
www.ti.com
APPLICATION INFORMATION
Preconditioning
Phase
Current Regulation
Phase
Voltage Regulation and Charge
Termination Phase
Regulation Voltage
Regulation Current
Minimum Charge
Voltage
Preconditioning
and Taper Detect
Figure 3. Typical Charge Profile
qualification and precharge
When power is applied, the bq2057 starts a charge-cycle if a battery is already present or when a battery is
inserted. Charge qualification is based on battery temperature and voltage. The bq2057 suspends charge if the
battery temperature is outside the V(TS1) to V(TS2) range and suspends charge until the battery temperature is
within the allowed range. The bq2057 also checks the battery voltage. If the battery voltage is below the
precharge threshold V(min), the bq2057 uses precharge to condition the battery. The conditioning charge rate
I(PRECHG) is set at approximately 10% of the regulation current. The conditioning current also minimizes heat
dissipation in the external pass-element during the initial stage of charge. See Figure 3 for a typical
charge-profile.


Similar Part No. - BQ2057CSNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057CSN TI-BQ2057CSN Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
BQ2057CSNTR TI-BQ2057CSNTR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
More results

Similar Description - BQ2057CSNG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com