Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24295RGER Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24295RGER
Description  I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24295RGER Datasheet(HTML) 35 Page - Texas Instruments

Back Button BQ24295RGER Datasheet HTML 31Page - Texas Instruments BQ24295RGER Datasheet HTML 32Page - Texas Instruments BQ24295RGER Datasheet HTML 33Page - Texas Instruments BQ24295RGER Datasheet HTML 34Page - Texas Instruments BQ24295RGER Datasheet HTML 35Page - Texas Instruments BQ24295RGER Datasheet HTML 36Page - Texas Instruments BQ24295RGER Datasheet HTML 37Page - Texas Instruments BQ24295RGER Datasheet HTML 38Page - Texas Instruments BQ24295RGER Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
1
7
Slave Address
S
1
1
ACK
8
Reg Addr
ACK
1
0
8
Slave Address
1
ACK
8
Data to Addr+1
ACK
1
8
Data to Addr+1
ACK
1
P
1
1
7
Slave Address
S
1
1
ACK
8
Reg Addr
ACK
1
ACK
1
1
P
7
0
1
Data
NCK
8
Slave Address
1
1
1
S
1
7
Slave Address
S
1
1
ACK
8
Reg Addr
ACK
1
Data Addr
ACK
1
1
P
8
0
START
SCL
SDA
S
1-7
8
9
ACK
1-7
8
9
ACK
1-7
8
9
STOP
P
ADDRESS
R/W
DATA
ACK
DATA
bq24295
www.ti.com
SLUSBC1 – SEPTEMBER 2013
Acknowledge (ACK) and Not Acknowledge (NACK)
The acknowledge takes place after every byte. The acknowledge bit allows the receiver to signal the transmitter
that the byte was successfully received and another byte may be sent. All clock pulses, including the
acknowledge 9th clock pulse, are generated by the master.
The transmitter releases the SDA line during the acknowledge clock pulse so the receiver can pull the SDA line
LOW and it remains stable LOW during the HIGH period of this clock pulse.
When SDA remains HIGH during the 9th clock pulse, this is the Not Acknowledge signal. The master can then
generate either a STOP to abort the transfer or a repeated START to start a new transfer.
Slave Address and Data Direction Bit
After the START, a slave address is sent. This address is 7 bits long followed by the eighth bit as a data direction
bit (bit R/W). A zero indicates a transmission (WRITE) and a one indicates a request for data (READ).
Figure 35. Complete Data Transfer
Single Read and Write
Figure 36. Single Write
Figure 37. Single Read
If the register address is not defined, the charger IC send back NACK and go back to the idle state.
Multi-Read and Multi-Write
The charger device supports multi-read and multi-write on REG00 through REG08.
Figure 38. Multi-Write
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: bq24295


Similar Part No. - BQ24295RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295RGER TI1-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24295RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com