Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24295RGER Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24295RGER
Description  I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24295RGER Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ24295RGER Datasheet HTML 15Page - Texas Instruments BQ24295RGER Datasheet HTML 16Page - Texas Instruments BQ24295RGER Datasheet HTML 17Page - Texas Instruments BQ24295RGER Datasheet HTML 18Page - Texas Instruments BQ24295RGER Datasheet HTML 19Page - Texas Instruments BQ24295RGER Datasheet HTML 20Page - Texas Instruments BQ24295RGER Datasheet HTML 21Page - Texas Instruments BQ24295RGER Datasheet HTML 22Page - Texas Instruments BQ24295RGER Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
bq24295
www.ti.com
SLUSBC1 – SEPTEMBER 2013
Boost Voltage/Thermal Regulation Control Register REG06 (default 10010011, or 0x93)
BIT
DESCRIPTION
NOTE
Bit 7
BOOSTV[3]
512mV
Offset: 4.55V
Range: 4.55V – 5.51V
Bit 6
BOOSTV[2]
256mV
Default:5.126V(1001)
Bit 5
BOOSTV[1]
128mV
Bit 4
BOOSTV[0]
64mV
Bit 3
BHOT[1]
Set Boost Mode temperature monitor
Default: Vbhot1 (00)
threshold voltage to disable boost mode
Note: For BHOT[1:0]=11, boost mode operates without
Bit 2
BHOT[0]
Voltage to disable boost mode
temperature monitor and the NTC_FAULT is generated based
00 – Vbhot1 (33% of REGN or 55◦C w/ 103AT
on Vbhot1 threshold
thermistor)
01 – Vbhot0 (36% of REGN or 60◦C w/ 103AT
thermistor)
10 – Vbhot2 (30% of REGN or 65◦C w/ 103AT
thermistor)
11 – Disable boost mode thermal protection.
Thermal Regulation Threshold
Bit 1
TREG[1]
00 – 60°C, 01 – 80°C, 10 – 100°C, 11 –
Default: 120°C (11)
120°C
Bit 0
TREG[0]
Misc Operation Control Register REG07 (default 01001011, or 4B)
BIT
DESCRIPTION
NOTE
Force DPDM detection
Bit 7
DPDM_EN
0 – Not in D+/D– detection;
Default: Not in D+/D– detection (0), Back to 0
after detection complete
1 – Force D+/D– detection when VBUS power is
presence
Safety Timer Setting during Input DPM and Thermal Regulation
Bit 6
TMR2X_EN
0 – Safety timer not slowed by 2X during input DPM
Default: Safety timer slowed by 2X (1)
or thermal regulation,
1 – Safety timer slowed by 2X during input DPM or
thermal regulation
Force BATFET Off
Bit 5
BATFET_Disable
0 – Allow BATFET (Q4) turn on, 1 – Turn off
Default: Allow BATFET (Q4) turn on(0)
BATFET (Q4)
Bit 4
Reserved
0 - Reserved
Bit 3
Reserved
1 - Reserved
Bit 2
Reserved
0 - Reserved
Bit 1
INT_MASK[1]
0 – No INT during CHRG_FAULT, 1 – INT on
Default: INT on CHRG_FAULT (1)
CHRG_FAULT
Bit 0
INT_MASK[0]
0 – No INT during BAT_FAULT, 1 – INT on
Default: INT on BAT_FAULT (1)
BAT_FAULT
System Status Register REG08
BIT
DESCRIPTION
Bit 7
VBUS_STAT[1]
00 – Unknown (no input, or DPDM detection incomplete), 01 – USB host, 10 – Adapter port, 11 – OTG
Bit 6
VBUS_STAT[0]
Bit 5
CHRG_STAT[1]
00 – Not Charging, 01 – Pre-charge (<VBATLOWV), 10 – Fast Charging, 11 – Charge Termination Done
Bit 4
CHRG_STAT[0]
Bit 3
DPM_STAT
0 – Not DPM, 1 – VINDPM or IINDPM
Bit 2
PG_STAT
0 – Not Power Good, 1 – Power Good
Bit 1
THERM_STAT
0 – Normal, 1 – In Thermal Regulation
Bit 0
VSYS_STAT
0 – Not in VSYSMIN regulation (BAT>VSYSMIN), 1 – In VSYSMIN regulation (BAT<VSYSMIN)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: bq24295


Similar Part No. - BQ24295RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295RGER TI1-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24295RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com