Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2057TTSG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2057TTSG4
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057TTSG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2057TTSG4 Datasheet HTML 2Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 3Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 4Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 5Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 6Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 7Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 8Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 9Page - Texas Instruments BQ2057TTSG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
6
www.ti.com
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT REGULATION
bq2057 and bq2057C,
High-side current sensing configuration
95.4
105
115.5
V(SNS)
Current regulation
bq2057T and bq2057W,
High-side current sensing configuration
113.6
125
137.5
mV
V(SNS)
Current regulation
threshold
bq2057 and bq2057C,
Low-side current sensing configuration
100
110
121
mV
bq2057T and bq2057W,
Low-side current sensing configuration
118.1
130
143
CHARGE TERMINATION DETECTION
I(TERM)
Charge termination
current detect
threshold
Voltage at pin SNS, relative to VCC for high-side
sensing, and to Vss for low-side sensing,
0
°C ≤ TA ≤ 50°C
−24
−14
−4
mV
TEMPERATURE COMPARATOR
V(TS1)
Lower temperature
threshold
TS pin voltage
29.1
30
30.9
%VCC
V(TS2)
Upper temperature
threshold
TS pin voltage
58.3
60
61.8
%VCC
PRECHARGE COMPARATOR
bq2057
2.94
3
3.06
V(min)
Precharge
bq2057C
3.04
3.1
3.16
V
V(min)
Precharge
threshold
bq2057T
5.98
6.1
6.22
V
threshold
bq2057W
6.18
6.3
6.43
PRECHARGE CURRENT REGULATION
I(PRECHG)
Precharge current
regulation
Voltage at pin SNS, relative to VCC for high-side
sensing, and to VSS for low-side sensing,
0
°C ≤ TA ≤ 50°C
13
mV
I(PRECHG) regulation
Voltage at pin SNS, relative to VCC for high-side
sensing, 0
°C ≤ TA ≤ 50°C, VCC = 5 V
3
13
22
mV
VRCH COMPARATOR (Battery Recharge Threshold)
V(RCH)
Recharge
bq2057 and bq2057C
VO(REG)−
98 mV
VO(REG)−
100 mV
VO(REG)−
102 mV
V
V(RCH)
Recharge
threshold
bq2057T and bq2057W
VO(REG)−
196 mV
VO(REG)−
200 mV
VO(REG)−
204 mV
V
CHARGE-RATE COMPENSATION (AutoComp)
G(COMP)
AutoComp gain
V(BAT)+0.3 V≤ VCC ≤ VCC(max), bq2057, bq2057C,
bq2057T, bq2057W
1.87
2.2
2.53
V/V
G(COMP)
AutoComp gain
V(BAT)+0.3 V ≤ VCC ≤ VCC(max), bq2057T and
bq2057W in low-side sensing configuration
2.09
2.4
2.76
V/V
STAT PIN
VOL(STAT)
Output (low)
voltage
IOL = 10 mA
0.7
V
VOH(STAT)
Output (high)
voltage
IOH = 5 mA
VCC-0.5
V
CC PIN
VOL(CC)
Output low voltage
IO(CC) = 5 mA (sink)
1.5
V
IO(CC)
Sink current
Not to exceed power rating specification (PD)
5
40
mA


Similar Part No. - BQ2057TTSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057TTS TI-BQ2057TTS Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
BQ2057TTSTR TI-BQ2057TTSTR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
More results

Similar Description - BQ2057TTSG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com