Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1748050000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1748050000
Description  PCB connection systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1748050000 Datasheet(HTML) 2 Page - Weidmuller

  1748050000 Datasheet HTML 1Page - Weidmuller 1748050000 Datasheet HTML 2Page - Weidmuller 1748050000 Datasheet HTML 3Page - Weidmuller 1748050000 Datasheet HTML 4Page - Weidmuller 1748050000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Socket
connectors, tension spring connection | B2L 3.5 | B2L 3.5F
- 2 -
Connectable conductors
Clamping range, max.
1 mm²
AWG, min.
28
AWG, max.
18
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
1 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
1 mm²
With wire end ferrule, acc. to DIN 46 228/1, min.
0.13 mm²
With wire end ferrule, acc. to DIN 46 228/1, max. 0.34 mm²
w. plastic collar ferrule, DIN 46228 pt 4, min.
0.13 mm²
w. plastic collar ferrule, DIN 46228 pt 4, max.
0.34 mm²
DIN IEC rating data
Rated voltage for overvoltage class/pollution
severity II/2
250 V
Rated voltage for overvoltage class/pollution
severity III/2
125 V
Rated voltage for overvoltage class/pollution
severity III/3
80 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
2.5 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
2.5 kV
Short-time withstand current resistance
3 x 1s with 77 A
CSA rating data
Rated voltage (Use group D)
50 V
Rated current (Use group D)
5 A
AWG conductor (field wiring), min.
28
AWG conductor (field wiring), max.
18
UL 1059 rating data
Rated voltage (Use group D)
150 V
Rated current (Use group D)
10 A
AWG conductor, min.
22
AWG conductor, max.
16
Approvals
Approvals institutes
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01


Similar Part No. - 1748050000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748050000 WEIDMULLER-1748050000 Datasheet
84Kb / 5P
   PCB connection systems
1748050000 WEIDMULLER-1748050000 Datasheet
84Kb / 5P
   PCB connection systems
More results

Similar Description - 1748050000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
1696060000 WEIDMULLER-1696060000 Datasheet
100Kb / 5P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1729680000 WEIDMULLER-1729680000 Datasheet
93Kb / 4P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com