Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5801A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDC5801A
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801A Datasheet(HTML) 3 Page - Texas Instruments

  CDC5801A Datasheet HTML 1Page - Texas Instruments CDC5801A Datasheet HTML 2Page - Texas Instruments CDC5801A Datasheet HTML 3Page - Texas Instruments CDC5801A Datasheet HTML 4Page - Texas Instruments CDC5801A Datasheet HTML 5Page - Texas Instruments CDC5801A Datasheet HTML 6Page - Texas Instruments CDC5801A Datasheet HTML 7Page - Texas Instruments CDC5801A Datasheet HTML 8Page - Texas Instruments CDC5801A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE†
MODE
P0
P1
P2
CLKOUT/CLKOUTB
Multiplication with programmable
delay and phase alignment active‡
0
0
0
REFCLK multiplied by ratio per Table 1 selected by MULT/DIV terminals. Outputs
are delayed or advanced based on DLYCTRL and LEADLAG terminal
configuration.
Division with programmable delay
and phase alignment active ‡
0
0
1
REFCLK divided by ratio per Table 2 selected by MULT/DIV terminals. Outputs
are delayed or advanced based on DLYCTRL and LEADLAG terminal
configuration.
Multiplication only mode (phase
aligner bypassed) §
1
0
0
In this mode one can only multiply as per Table 1. Programmable delay capability
and divider capability is deactivated. PLL is running.
Test mode
1
1
0
PLL and phase aligner both bypassed. REFCLK is directly channeled to output.
Hi-Z mode
0
1
X
Hi-Z
† X = don’t care, Hi-Z = high impedance
‡ Please see Table 4 and Table 5 for explanation for the programmability and phase alignment functions.
§ In this mode the DLYCTRL and LEADLAG terminals must be strapped high or low. Lowest possible jitter is achieved in this mode, but a delay
of 200 ps to 2 ns expected typically from REFCLK to CLKOUT depending on the output frequency.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLKOUT
20
O
Output clock
CLKOUTB
18
O
Output clock (complement)
DLYCTRL
7
I
Every rising edge on this terminal delays/advances the CLKOUT/CLKOUTB signal by 1/384th of the
CLKOUT/CLKOUTB period. (e.g., for a 90 degree delay or advancement one needs to provide 96 rising
edges). See Table 4.
GND
5
GND for VDDREF and VDDPD
GNDO
17, 21
GND for clock output terminals (CLKOUT, CLKOUTB)
GNDP
4
GND for PLL
GNDPA
8
GND for phase aligner
LEADLAG
6
I
Decides if the output clock is delayed or advanced with respect to REFCLK. See Table 4.
MULT0/DIV0
15
I
PLL multiplier and divider select
MULT1/DIV1
14
I
PLL multiplier and divider select
NC
19
Not used
PWRDNB
12
I
Active low power down state, CLKOUT/CLKOUTB goes low
P0
24
I
Mode control, see the Function Table
P1
23
I
Mode control, see the Function Table
P2
13
I
Mode control, see the Function Table
REFCLK
2
I
Reference input clock
STOPB
11
I
Active low output disabler, PLL and PA still running, CLKOUT and CLKOUTB goes to a dc value as per Table 3
VDDPA
9
I
Supply voltage for phase aligner
VDDPD
10
I
Reference voltage for the DLYCTRL, LEADLAG terminals and STOPB function
VDDREF
1
I
Reference voltage for REFCLK
VDDO
16, 22
I
Supply voltage for the output terminals (CLKOUT, CLKOUTB)
VDDP
3
I
Supply voltage for PLL


Similar Part No. - CDC5801A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801A TI1-CDC5801A Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQG4 TI1-CDC5801ADBQG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQR TI1-CDC5801ADBQR Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQRG4 TI1-CDC5801ADBQRG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
More results

Similar Description - CDC5801A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Texas Instruments
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com