Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC001 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC001 Datasheet(HTML) 4 Page - Texas Instruments

  CLC001 Datasheet HTML 1Page - Texas Instruments CLC001 Datasheet HTML 2Page - Texas Instruments CLC001 Datasheet HTML 3Page - Texas Instruments CLC001 Datasheet HTML 4Page - Texas Instruments CLC001 Datasheet HTML 5Page - Texas Instruments CLC001 Datasheet HTML 6Page - Texas Instruments CLC001 Datasheet HTML 7Page - Texas Instruments CLC001 Datasheet HTML 8Page - Texas Instruments CLC001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
4V
Output Current
27 mA
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering 10 seconds)
+300˚C
ESD Rating (HBM)
≥ 7kV
ESD Rating (MM)
≥ 500V
Package Thermal Resistance
θ
JA Surface Mount AJE
125˚C/W
θ
JC Surface Mount AJE
105˚C/W
Reliability Information
Transistor count
291
Recommended Operating
Conditions
Supply Voltage Range (V
DD -VSS)
+3.0V to +3.6V
Operating Free Air Temperature (T
A)
-40˚C to +85˚C
R
BB Range (applied to VBB input)
(Note 6)
1.3k
Ω to
11.5k
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT DC SPECIFICATIONS
V
SDO
Serial Driver Output Voltage
R
L =75
Ω 1%,R
REF = 1.91 k
Ω 1% (for
800 mV
p-p),Figure 1
720
800
880
mV
R
L =75
Ω 1%,R
REF = 1.5 k
Ω 1% (for
1.0 V
p-p),Figure 1
900
1000
1100
mV
INPUT DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +0.05V or +1.2V or +3.25V,
0
+100
mV
V
TL
Differential Input Low Threshold
V
DD = 3.3V
−100
0
mV
V
CMR
Common Mode Voltage Range
V
ID = 100mV, VDD = 3.3V
0.05
3.25
V
I
IN
Input Current
V
IN = 0V or +3.0V, VDD = 3.6V or 0V
±1
±10
µA
I
INB
Input Current Balance
V
IN = 0V or +3.0V, VDD = 3.6V or 0V,
(Note 8)
0.23
µA
SUPPLY CURRENT
I
DD
Total Dynamic Power Supply Current
(includes load current)
R
L =75
Ω,R
REF = 1.91 k
Ω 1%(V
SDO =
800 mV
p-p @ 270 Mbps)
70
115
mA
R
L =75
Ω,R
REF = 1.5 k
Ω 1%(V
SDO =
1.0 V
p-p @ 622 Mbps)
85
130
mA
MISCELLANEOUS PARAMETERS
L
GEN
Output Inductance
6nH
R
GEN
Output Resistance
25
k
I
BB
V
BB Current
R
REF = 1.91 k
Ω 1%, (Note 6)
250
µA
R
REF = 1.5 k
Ω 1%, (Note 6)
315
µA
www.national.com
3


Similar Part No. - CLC001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI1-CLC001 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001AJE NSC-CLC001AJE Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE NSC-CLC001AJE Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
More results

Similar Description - CLC001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
[Old version datasheet]   CLC006 Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
   Cable Driver with Two Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com