Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA04F2FT5AUD010G Datasheet(PDF) 3 Page - EPCOS

Part # CA04F2FT5AUD010G
Description  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CA04F2FT5AUD010G Datasheet(HTML) 3 Page - EPCOS

  CA04F2FT5AUD010G_12 Datasheet HTML 1Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 2Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 3Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 4Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 5Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 6Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 7Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 8Page - EPCOS CA04F2FT5AUD010G_12 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Features
High attenuation in a wide frequency range covering
GSM, UMTS, GPRS, WLAN, Bluetooth and GPS
ESD robustness acc. to IEC 61000-4-2 level 4 on
input and output ports
Low THD+N (lower than -100 dB @ 1 kHz)
Up to 20 component functions integrated in one
package
Low DC leakage currents
Bidirectional protection
Low inductance due to common ground contacts
High frequency stability versus temperature
RoHS-compatible
Applications
Reliable ESD/EMI filtering of audio lines (2-fold
array), mobile phones, PDAs, notebooks
Design
Multilayer technology
0405/1014 EIA/mm case sizes
Nickel barrier termination (AgNiSn) recommended
for lead-free soldering (see “Soldering directions”)
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Typical frequency characteristic curves
Typical frequency characteristic curves are attached to
the data sheet.
Array
Internal circuits
2-fold array with common
ground
Available case sizes:
EIA
Metric
Version
0405
1014
2-fold array
General technical data
Maximum DC operating voltage
VDC,max
5.5
V
Contact discharge ESD capability
to IEC 61000-4-2
VESD,contact
8
kV
Air discharge ESD capability
to IEC 61000-4-2
VESD,air
15
kV
Minimum cut-off frequency
(50
Ω, 0 V)
fcut-off,min
10
MHz
Typical insertion loss
(900 MHz, 50
Ω)
α
typ
60
dB
Maximum clamping voltage
(1 A, 8/20 µs)
Vclamp,max
30
V
Operating temperature
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
ESD/EMI filters
B72862F1050S160
ESD/EMI filter series
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CA04F2FT5AUD010G_12

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA04-41EWA KINGBRIGHT-CA04-41EWA Datasheet
164Kb / 5P
   10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
CA04-41EWA KINGBRIGHT-CA04-41EWA Datasheet
119Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41EWA KINGBRIGHT-CA04-41EWA_06 Datasheet
119Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41GWA KINGBRIGHT-CA04-41GWA Datasheet
68Kb / 3P
   The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
CA04-41GWA KINGBRIGHT-CA04-41GWA Datasheet
164Kb / 5P
   10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
More results

Similar Description - CA04F2FT5AUD010G_12

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com