Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1940980000 Datasheet(PDF) 6 Page - Weidmuller

Part # 1940980000
Description  PCB connection systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1940980000 Datasheet(HTML) 6 Page - Weidmuller

  1940980000 Datasheet HTML 1Page - Weidmuller 1940980000 Datasheet HTML 2Page - Weidmuller 1940980000 Datasheet HTML 3Page - Weidmuller 1940980000 Datasheet HTML 4Page - Weidmuller 1940980000 Datasheet HTML 5Page - Weidmuller 1940980000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/180 | BCZ 3.81/180
- 6 -
1940970000
BCZ 3.81/17/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 17, 180°, Box
1940930000
BCZ 3.81/17/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 17, 180°, Box
1940980000
BCZ 3.81/18/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 18, 180°, Box
1940900000
BCZ 3.81/18/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 18, 180°, Box
1940940000
BCZ 3.81/18/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 18, 180°, Box
1940910000
BCZ 3.81/19/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 19, 180°, Box
1940990000
BCZ 3.81/19/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 19, 180°, Box
1940950000
BCZ 3.81/19/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 19, 180°, Box
1940920000
BCZ 3.81/20/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 20, 180°, Box
1941000000
BCZ 3.81/20/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 20, 180°, Box
1940960000
BCZ 3.81/20/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 20, 180°, Box


Similar Part No. - 1940980000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1940980000 WEIDMULLER-1940980000 Datasheet
88Kb / 6P
   PCB connection systems
More results

Similar Description - 1940980000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1696060000 WEIDMULLER-1696060000 Datasheet
100Kb / 5P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1729680000 WEIDMULLER-1729680000 Datasheet
93Kb / 4P
   PCB connection systems
1748240000 WEIDMULLER-1748240000 Datasheet
84Kb / 5P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com