Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1793030000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1793030000
Description  PCB connection systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1793030000 Datasheet(HTML) 4 Page - Weidmuller

  1793030000 Datasheet HTML 1Page - Weidmuller 1793030000 Datasheet HTML 2Page - Weidmuller 1793030000 Datasheet HTML 3Page - Weidmuller 1793030000 Datasheet HTML 4Page - Weidmuller 1793030000 Datasheet HTML 5Page - Weidmuller 1793030000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/180 | BCZ 3.81/180F
- 4 -
1793070000
BCZ 3.81/5/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 5, 180°, Box
1941050000
BCZ 3.81/6/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 6, 180°, Box
1792990000
BCZ 3.81/6/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 6, 180°, Box
1793080000
BCZ 3.81/6/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 6, 180°, Box
1941060000
BCZ 3.81/7/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 7, 180°, Box
1837020000
BCZ 3.81/7/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 7, 180°, Box
1941260000
BCZ 3.81/7/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 7, 180°, Box
1941070000
BCZ 3.81/8/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 8, 180°, Box
1793000000
BCZ 3.81/8/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 8, 180°, Box
1793090000
BCZ 3.81/8/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 8, 180°, Box
1941080000
BCZ 3.81/9/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 9, 180°, Box
1899530000
BCZ 3.81/9/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 9, 180°, Box
1941270000
BCZ 3.81/9/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 9, 180°, Box
1941090000
BCZ 3.81/10/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 10, 180°, Box
1793010000
BCZ 3.81/10/180F SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 10, 180°, Box
1793100000
BCZ 3.81/10/180F SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 10, 180°, Box
1941100000
BCZ 3.81/11/180F SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 11, 180°, Box


Similar Part No. - 1793030000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793030000 WEIDMULLER-1793030000 Datasheet
86Kb / 6P
   PCB connection systems
More results

Similar Description - 1793030000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
1696060000 WEIDMULLER-1696060000 Datasheet
100Kb / 5P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1729680000 WEIDMULLER-1729680000 Datasheet
93Kb / 4P
   PCB connection systems
1748240000 WEIDMULLER-1748240000 Datasheet
84Kb / 5P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com