Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2673 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2673
Description  LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2673 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2673 Datasheet HTML 7Page - Texas Instruments LM2673 Datasheet HTML 8Page - Texas Instruments LM2673 Datasheet HTML 9Page - Texas Instruments LM2673 Datasheet HTML 10Page - Texas Instruments LM2673 Datasheet HTML 11Page - Texas Instruments LM2673 Datasheet HTML 12Page - Texas Instruments LM2673 Datasheet HTML 13Page - Texas Instruments LM2673 Datasheet HTML 14Page - Texas Instruments LM2673 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LM2673
www.ti.com
SNVS030N – APRIL 2000 – REVISED APRIL 2013
The RMS current and working voltage (WV) ratings of the output capacitor are also important considerations. In a
typical step-down switching regulator, the inductor ripple current (set to be no more than 30% of the maximum
load current by the inductor selection) is the current that flows through the output capacitor. The capacitor RMS
current rating must be greater than this ripple current. The voltage rating of the output capacitor should be
greater than 1.3 times the maximum output voltage of the power supply. If operation of the system at elevated
temperatures is required, the capacitor voltage rating may be de-rated to less than the nominal room temperature
rating. Careful inspection of the manufacturer's specification for de-rating of working voltage with temperature is
important.
INPUT CAPACITOR
Fast changing currents in high current switching regulators place a significant dynamic load on the unregulated
power source. An input capacitor helps to provide additional current to the power supply as well as smooth out
input voltage variations.
Like the output capacitor, the key specifications for the input capacitor are RMS current rating and working
voltage. The RMS current flowing through the input capacitor is equal to one-half of the maximum dc load current
so the capacitor should be rated to handle this. Paralleling multiple capacitors proportionally increases the
current rating of the total capacitance. The voltage rating should also be selected to be 1.3 times the maximum
input voltage. Depending on the unregulated input power source, under light load conditions the maximum input
voltage could be significantly higher than normal operation and should be considered when selecting an input
capacitor.
The input capacitor should be placed very close to the input pin of the LM2673. Due to relative high current
operation with fast transient changes, the series inductance of input connecting wires or PCB traces can create
ringing signals at the input terminal which could possibly propagate to the output or other parts of the circuitry. It
may be necessary in some designs to add a small valued (0.1
μF to 0.47μF) ceramic type capacitor in parallel
with the input capacitor to prevent or minimize any ringing.
CATCH DIODE
When the power switch in the LM2673 turns OFF, the current through the inductor continues to flow. The path for
this current is through the diode connected between the switch output and ground. This forward biased diode
clamps the switch output to a voltage less than ground. This negative voltage must be greater than
−1V so a low
voltage drop (particularly at high current levels) Schottky diode is recommended. Total efficiency of the entire
power supply is significantly impacted by the power lost in the output catch diode. The average current through
the catch diode is dependent on the switch duty cycle (D) and is equal to the load current times (1-D). Use of a
diode rated for much higher current than is required by the actual application helps to minimize the voltage drop
and power loss in the diode.
During the switch ON time the diode will be reversed biased by the input voltage. The reverse voltage rating of
the diode should be at least 1.3 times greater than the maximum input voltage.
BOOST CAPACITOR
The boost capacitor creates a voltage used to overdrive the gate of the internal power MOSFET. This improves
efficiency by minimizing the on resistance of the switch and associated power loss. For all applications it is
recommended to use a 0.01
μF/50V ceramic capacitor.
RADJ, ADJUSTABLE CURRENT LIMIT
A key feature of the LM2673 is the ability to control the peak switch current. Without this feature the peak switch
current would be internally set to 5A or higher to accommodate 3A load current designs. This requires that both
the inductor (which could saturate with excessively high currents) and the catch diode be able to safely handle
up to 5A which would be conducted under load fault conditions.
If an application only requires a load current of 2A or so the peak switch current can be set to a limit just over the
maximum load current with the addition of a single programming resistor. This allows the use of less powerful
and more cost effective inductors and diodes.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2673


Similar Part No. - LM2673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM2673S-12 NSC-LM2673S-12 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673S-12 TI1-LM2673S-12 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com