Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL7701MX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FL7701MX
Description  Smart LED Lamp Driver IC with PFC Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL7701MX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FL7701MX Datasheet HTML 1Page - Fairchild Semiconductor FL7701MX Datasheet HTML 2Page - Fairchild Semiconductor FL7701MX Datasheet HTML 3Page - Fairchild Semiconductor FL7701MX Datasheet HTML 4Page - Fairchild Semiconductor FL7701MX Datasheet HTML 5Page - Fairchild Semiconductor FL7701MX Datasheet HTML 6Page - Fairchild Semiconductor FL7701MX Datasheet HTML 7Page - Fairchild Semiconductor FL7701MX Datasheet HTML 8Page - Fairchild Semiconductor FL7701MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7701
• Rev. 1.0.4
2
Application Diagram
D1
Fuse
C1
C2
L1
R2
U1
CS
OUT
VCC
RT
HV
NV
GND
ADIM
L2
L3
D2
R3
Q1
C3
C4
R1
BD
LED
Figure 1. Typical Application
Block Diagram
GND
RT
OUT
HV
VCC
Reference
ADIM
JFET
AOCP
IAD
UVLO
Q
R
S
TSD
Leading Edge
Blanking
ZCD
DAC
Soft start
Digital Block
CS
Oscillator
-
+
LEB
-
+
time
VCC
ZCD
2.5V
1
8
3
5
4
6
2
Figure 2. Block Diagram


Similar Part No. - FL7701MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7701MX ONSEMI-FL7701MX Datasheet
2Mb / 15P
   Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
More results

Similar Description - FL7701MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
   Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
logo
Fairchild Semiconductor
AN-9744 FAIRCHILD-AN-9744 Datasheet
988Kb / 7P
   Smart LED Lamp Driver IC with PFC Function
FLS0116 FAIRCHILD-FLS0116 Datasheet
1Mb / 13P
   MOSFET Integrated Smart LED Lamp Driver IC with PFC Function
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
NXP Semiconductors
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com