Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1793340000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1793340000
Description  Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1793340000 Datasheet(HTML) 1 Page - Weidmuller

  1793340000 Datasheet HTML 1Page - Weidmuller 1793340000 Datasheet HTML 2Page - Weidmuller 1793340000 Datasheet HTML 3Page - Weidmuller 1793340000 Datasheet HTML 4Page - Weidmuller 1793340000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors,
solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
- 1 -
General ordering data
Order No.
1793480000
Part designation
SC 3.81/10/90F3.2SN GN
Version
PCB plug-in connector, Male connectors, Soldered
connection, Pitch: 3.81 mm, No. of poles: 10, 90°,
Box
EAN
4032248228751
Qty.
50 pc(s).
System parameters
Fitted to PCB
Soldered connection
Outgoing elbow
90°
Pitch
3.81 mm
Pitch in inch
0.15 inch
No. of poles
10
Solder pin length
3.2 mm
Can be coded
Yes
No. of rows
1
No. of solder pins per pole
1
Dia. of fitting hole
1.2 mm
Fitting hole tolerance
+ 0.1 mm
L1 in mm
34.29 mm
L1 in inch
1.35 inch
Insulation resistance
1,000 MΩ
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PA GF
Colour
Pale green
colour chart
Similar to RAL 6021
Insulating material group
II
Flammability class UL 94
V-0
CTI
>= 475
Contact base material
Copper alloy


Similar Part No. - 1793340000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793340000 WEIDMULLER-1793340000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1793340000 WEIDMULLER-1793340000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
More results

Similar Description - 1793340000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793420000 WEIDMULLER-1793420000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1793490000 WEIDMULLER-1793490000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
1727890000 WEIDMULLER-1727890000 Datasheet
98Kb / 4P
   PCB plug-in connector, Male connectors, Soldered connection
1747850000 WEIDMULLER-1747850000 Datasheet
82Kb / 5P
   PCB plug-in connector, Female connectors, Tension clamp connection
1727700000 WEIDMULLER-1727700000 Datasheet
82Kb / 5P
   PCB plug-in connector, Female connectors, Tension clamp connection
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com