Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1942750000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1942750000
Description  Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1942750000 Datasheet(HTML) 2 Page - Weidmuller

  1942750000 Datasheet HTML 1Page - Weidmuller 1942750000 Datasheet HTML 2Page - Weidmuller 1942750000 Datasheet HTML 3Page - Weidmuller 1942750000 Datasheet HTML 4Page - Weidmuller 1942750000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors,
solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
- 2 -
Material data
Contact surface
tinned
Constant operating temp., min.
-25 °C
Constant operating temp., max.
120 °C
Storage temperature, min.
-25 °C
Storage temperature, max.
55 °C
Max. relative humidity during storage
93 %
DIN IEC rating data
Rated current, min. No. pins (Tu=20°C)
17.5 A
Rated current, min. No. pins(Tu=40°C)
17.5 A
Rated voltage for overvoltage class/pollution
severity III/3
160 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
2.5 kV
Rated voltage for overvoltage class/pollution
severity III/2
160 V
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
2.5 kV
Rated voltage for overvoltage class/pollution
severity II/2
320 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
2.5 kV
Short-time withstand current resistance
3 x 1s with 76 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
Approvals
Approvals institutes
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
27-26-07-01
eClass 5.0
27-26-07-01
eClass 5.1
27-26-07-04
Similar products
Order No.
Part designation
Version


Similar Part No. - 1942750000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1942750000 WEIDMULLER-1942750000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942750000 WEIDMULLER-1942750000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
More results

Similar Description - 1942750000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793420000 WEIDMULLER-1793420000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1793480000 WEIDMULLER-1793480000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
1727890000 WEIDMULLER-1727890000 Datasheet
98Kb / 4P
   PCB plug-in connector, Male connectors, Soldered connection
1747850000 WEIDMULLER-1747850000 Datasheet
82Kb / 5P
   PCB plug-in connector, Female connectors, Tension clamp connection
1727700000 WEIDMULLER-1727700000 Datasheet
82Kb / 5P
   PCB plug-in connector, Female connectors, Tension clamp connection
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com