Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1793490000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1793490000
Description  Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1793490000 Datasheet(HTML) 4 Page - Weidmuller

  1793490000 Datasheet HTML 1Page - Weidmuller 1793490000 Datasheet HTML 2Page - Weidmuller 1793490000 Datasheet HTML 3Page - Weidmuller 1793490000 Datasheet HTML 4Page - Weidmuller 1793490000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors,
solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F
- 4 -
1942540000
SC 3.81/11/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 11, 90°, Box
1942760000
SC 3.81/11/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 11, 90°, Box
1942660000
SC 3.81/11/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 11, 90°, Box
1942550000
SC 3.81/12/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 12, 90°, Box
1793400000
SC 3.81/12/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 12, 90°, Box
1793490000
SC 3.81/12/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 12, 90°, Box
1942560000
SC 3.81/13/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 13, 90°, Box
1942770000
SC 3.81/13/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 13, 90°, Box
1942670000
SC 3.81/13/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 13, 90°, Box
1942570000
SC 3.81/14/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 14, 90°, Box
1942780000
SC 3.81/14/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 14, 90°, Box
1942680000
SC 3.81/14/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 14, 90°, Box
1942580000
SC 3.81/15/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 15, 90°, Box
1942790000
SC 3.81/15/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 15, 90°, Box
1942690000
SC 3.81/15/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 15, 90°, Box
1942590000
SC 3.81/16/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 16, 90°, Box
1793410000
SC 3.81/16/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 16, 90°, Box
1793500000
SC 3.81/16/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 16, 90°, Box
1942600000
SC 3.81/17/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 17, 90°, Box
1942800000
SC 3.81/17/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 17, 90°, Box
1942700000
SC 3.81/17/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 17, 90°, Box
1942610000
SC 3.81/18/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 18, 90°, Box
1942810000
SC 3.81/18/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 18, 90°, Box
1942710000
SC 3.81/18/90F3.2SN GN
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 18, 90°, Box
1942620000
SC 3.81/19/90F3.2SN OR
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 19, 90°, Box
1942820000
SC 3.81/19/90F3.2SN SW
PCB plug-in connector, Male connectors, Soldered connection,
Pitch: 3.81 mm, No. of poles: 19, 90°, Box


Similar Part No. - 1793490000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793490000 WEIDMULLER-1793490000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1793490000 WEIDMULLER-1793490000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
More results

Similar Description - 1793490000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793490000 WEIDMULLER-1793490000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1793480000 WEIDMULLER-1793480000 Datasheet
82Kb / 5P
   Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
1727890000 WEIDMULLER-1727890000 Datasheet
98Kb / 4P
   PCB plug-in connector, Male connectors, Soldered connection
1747850000 WEIDMULLER-1747850000 Datasheet
82Kb / 5P
   PCB plug-in connector, Female connectors, Tension clamp connection
1727700000 WEIDMULLER-1727700000 Datasheet
82Kb / 5P
   PCB plug-in connector, Female connectors, Tension clamp connection
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com