Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD255D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD255D
Description  Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD255D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD255D Datasheet HTML 1Page - Texas Instruments SN65HVD255D Datasheet HTML 2Page - Texas Instruments SN65HVD255D Datasheet HTML 3Page - Texas Instruments SN65HVD255D Datasheet HTML 4Page - Texas Instruments SN65HVD255D Datasheet HTML 5Page - Texas Instruments SN65HVD255D Datasheet HTML 6Page - Texas Instruments SN65HVD255D Datasheet HTML 7Page - Texas Instruments SN65HVD255D Datasheet HTML 8Page - Texas Instruments SN65HVD255D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
VCC
CANH
7
6
CANL
RXD
1
TXD
S
8
DOMINANT
TIME OUT
OVER
TEMPERATURE
LOGIC
OUTPUT
MODE SELECT
4
NC / VRXD / FAULT (See Note A)
VCC
5
3
GND
2
UNDER
VOLTAGE
DOMINANT
TIME OUT
(See Note B)
VCC
VCC or VRXD (See Note B)
FAULT LOGIC
MUX (See Note A)
SN65HVD255
SN65HVD256, SN65HVD257
www.ti.com
SLLSEA2C – DECEMBER 2011 – REVISED SEPTEMBER 2013
'Turbo' CAN Transceivers for Higher Data Rates and Large Networks Including Features
for Functional Safety
Check for Samples: SN65HVD255, SN65HVD256, SN65HVD257
1
FEATURES
DESCRIPTION
This CAN transceiver meets the ISO1189-2 High
Meets the Requirements of ISO11898-2
Speed CAN (Controller Area Network) Physical Layer
'Turbo' CAN:
standard. It is designed for data rates in excess of 1
Short and Symmetrical Propagation Delay
Mbps for CAN in short networks, and enhanced
Times and Fast Loop Times for Enhanced
timing margin and higher data rates in long and
highly-loaded networks. The device provides many
Timing Margin
protection features to enhance device and CAN-
Higher Data Rates in CAN Networks
network
robustness.
The
SN65HVD257
adds
I/O Voltage Range Supports 3.3V and 5V MCUs
additional features, allowing easy design of redundant
Ideal Passive Behavior When Unpowered
and multi-topology networks with fault indication for
higher levels of functional safety in the CAN system.
Bus and Logic Pins are High Impedance
(no load)
Power Up/Down With Glitch Free Operation
On Bus
Protection Features
HBM ESD Protection Exceeds ±12kV
Bus Fault Protection –27V to 40V
Undervoltage Protection on Supply Pins
Driver Dominant Time Out (TXD DTO)
SN65HVD257: Receiver Dominant Time Out
(RXD DTO)
SN65HVD257: FAULT Output Pin
Thermal Shutdown Protection
Characterized for –40°C to 125°C Operation
APPLICATIONS
A.
Pin 5 function is device dependent; NC on
1Mbps Operation in Highly Loaded CAN
SN65HVD255, VRXD for RXD output level-
Networks Down to 10kbps Networks Using
shifting
device
on
SN65HVD256,
and
FAULT Output on SN65HVD257
TXD DTO
B.
RXD logic output is driven to 5V VCC on
Industrial Automation, Control, Sensors and
5V-only
supply
devices
(SN65HVD255,
Drive Systems
SN65HVD257) and driven to VRXD on
Building, Security and Climate Control
output level-shifting device (SN65HVD256).
Automation
C.
RXD (Receiver) Dominant State Time Out
is a device dependent option available only
Telecom Base Station Status and Control
on SN65HVD257.
SN65HVD257: Functional Safety With
Figure 1. Functional Block Diagram
Redundant and Multi-topology CAN networks
CAN Bus Standards Such as CANopen,
DeviceNet, NMEA2000, ARNIC825, ISO11783,
CANaerospace
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD255D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD255D TI1-SN65HVD255D Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
SN65HVD255DR TI1-SN65HVD255DR Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
More results

Similar Description - SN65HVD255D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
   Nearly 40% higher peak data rates and up to 4x capacity
logo
List of Unclassifed Man...
MD-4DR ETC2-MD-4DR Datasheet
92Kb / 6P
   Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
   Signal and Power Isolated, CAN Transceivers for CAN FD
logo
National Instruments Co...
VXI-USB NI-VXI-USB Datasheet
573Kb / 4P
   VXIbus 3.0 features including A64 addressing and 2eVME protocol
logo
Texas Instruments
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Neutrik AG
NBLC75BSX14 NEUTRIK-NBLC75BSX14 Datasheet
121Kb / 3P
   The rearTWIST HD Large BNC cable connector is designed for large cable diameters as used on long runs and high data rates(HD).
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com