Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD257DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD257DR
Description  Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD257DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD257DR Datasheet HTML 6Page - Texas Instruments SN65HVD257DR Datasheet HTML 7Page - Texas Instruments SN65HVD257DR Datasheet HTML 8Page - Texas Instruments SN65HVD257DR Datasheet HTML 9Page - Texas Instruments SN65HVD257DR Datasheet HTML 10Page - Texas Instruments SN65HVD257DR Datasheet HTML 11Page - Texas Instruments SN65HVD257DR Datasheet HTML 12Page - Texas Instruments SN65HVD257DR Datasheet HTML 13Page - Texas Instruments SN65HVD257DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SN65HVD255
SN65HVD256, SN65HVD257
SLLSEA2C – DECEMBER 2011 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, TA = –40°C to 125°C (unless otherwise noted). SN65HVD256 device VRXD = VCC.
PARAMETER
TEST CONDITIONS / COMMENT
MIN
TYP(1)
MAX UNIT
4.0
SUPPLY CHARACTERISTICS
Normal Mode
See Figure 10, TXD = 0 V, RL = 50
4.1
60
85
(Driving Dominant)
Ω, CL = open, RCM = open, S = 0V
Normal Mode
See Figure 10, TXD = 0 V, S = 0V,
(Driving
4.2
CANH = -12V, RL = open, CL =
130
180
Dominant – bus
open, RCM = open
fault)
See Figure 10, TXD = 0 V, RL =
Normal Mode
open (no load), CL = open, RCM =
4.3
ICC
5-V Supply current
10
20
mA
(Driving Dominant)
open,
S = 0V
See Figure 10, TXD = VCC, RL = 50
Normal Mode
4.4
Ω, CL = open, RCM = open,
10
20
(Recessive)
S = 0V
See Figure 10, TXD = VCC, RL = 50
4.5
Silent Mode
Ω,CL = open, RCM = open,
2.5
5
S = VCC
RXD Supply
current
4.6
IRXD
All modes
RXD Floating, TXD = 0V
500
µA
(SN65HVD256
only)
Undervoltage detection on VCC for
4.7
UVVCC
3.5
4.45
V
protected mode
4.8
VHYS(UVVCC) Hysteresis voltage on UVVCC
200
mV
Undervoltage detection on VRXD for
4.9
UVRXD
1.3
2.75
V
protected mode (SN65HVD256 only)
Hysteresis voltage on UVRXD
4.10
VHYS(UVRXD)
80
mV
(SN65HVD256 only)
5.0
S PIN (MODE SELECT INPUT)
5.1
VIH
HIGH-level input voltage
2
V
5.2
VIL
LOW-level input voltage
0.8
V
5.3
IIH
HIGH-level input leakage current
S = VCC = 5.5 V
7
100
µA
5.4
IIL
Low-level input leakage current
S = 0 V, VCC = 5.5 V
–1
0
1
µA
5.5
ILKG(OFF)
Unpowered leakage current
S = 5.5 V, VCC = 0 V, VRXD = 0 V
7
35
100
µA
6.0
TXD PIN (CAN TRANSMIT DATA INPUT)
6.1
VIH
HIGH level input voltage
2
V
6.2
VIL
LOW level input voltage
0.8
V
6.3
IIH
HIGH level input leakage current
TXD = VCC = 5.5 V
–2.5
0
1
µA
6.4
IIL
Low level input leakage current
TXD = 0 V, VCC = 5.5 V
–100
-25
–7
µA
6.5
ILKG(OFF)
Unpowered leakage current
TXD = 5.5 V, VCC = 0 V, VRXD = 0 V
–1
0
1
µA
6.6
CI
Input Capacitance
3.5
pF
7.0
RXD Pin (CAN RECEIVE DATA OUTPUT)
See Figure 11, IO = –2 mA. For
7.1
VOH
HIGH level output voltage
devices with VRXD supply VOH = 0.8
0.8×VCC
V
× VRXD
7.2
VOL
LOW level output voltage
See Figure 11, IO = 2 mA
0.4
V
7.3
ILKG(OFF)
Unpowered leakage current
RXD = 5.5 V, VCC = 0 V, VRXD = 0 V
–1
0
1
µA
7.4
tR
Output signal rise time
See Receiver Rise Time
7.5
tF
Output signal fall time
See Receiver Fall Time
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VRXD = 5 V, RL = 60 Ω.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257


Similar Part No. - SN65HVD257DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD257DR TI1-SN65HVD257DR Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
More results

Similar Description - SN65HVD257DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
   Nearly 40% higher peak data rates and up to 4x capacity
logo
List of Unclassifed Man...
MD-4DR ETC2-MD-4DR Datasheet
92Kb / 6P
   Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
   Signal and Power Isolated, CAN Transceivers for CAN FD
logo
National Instruments Co...
VXI-USB NI-VXI-USB Datasheet
573Kb / 4P
   VXIbus 3.0 features including A64 addressing and 2eVME protocol
logo
Texas Instruments
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Neutrik AG
NBLC75BSX14 NEUTRIK-NBLC75BSX14 Datasheet
121Kb / 3P
   The rearTWIST HD Large BNC cable connector is designed for large cable diameters as used on long runs and high data rates(HD).
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com