Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT841ANTE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ABT841ANTE4
Description  10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT841ANTE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT841ANTE4 Datasheet HTML 1Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 2Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 3Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 4Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 5Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 6Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 7Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 8Page - Texas Instruments SN74ABT841ANTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54ABT841, SN74ABT841A
10-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS196D – FEBRUARY 1991 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT841
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
D
Q
1†
4.1
5.5
1†
6.8
ns
tPHL
D
Q
1.5†
4
5.5
1.5†
6.8
ns
tPLH
LE
Q
1.6†
4.1
6.6†
1.6†
7.4
ns
tPHL
LE
Q
2†
4.6
6.2
2†
6.8
ns
tPZH
OE
Q
1
3
4.9†
1
5.8
ns
tPZL
OE
Q
2.2
4.1
5.7†
2.2
6.5
ns
tPHZ
OE
Q
2†
4.7
6.2
2†
7.2
ns
tPLZ
OE
Q
1.5†
4.6
6.1
1.5†
6.6
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT841A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
tPLH
D
Q
1.4†
4.1
5.5
1.4†
6.2†
ns
tPHL
D
Q
1.5†
4
5.5
1.5†
6.2
ns
tPLH
LE
Q
2.1†
4.1
5.9†
2.1†
6.5†
ns
tPHL
LE
Q
2.4†
4.6
6.2
2.4†
6.7
ns
tPZH
OE
Q
1
3
4.7†
1
5.3†
ns
tPZL
OE
Q
2.2
4.1
5.7†
2.2
6.3†
ns
tPHZ
OE
Q
2.6†
4.7
6.2
2.6†
7.1
ns
tPLZ
OE
Q
1.9†
4.6
6.1
1.9†
6.5
ns
† This data sheet limit may vary among suppliers.


Similar Part No. - SN74ABT841ANTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT841ANT TI-SN74ABT841ANT Datasheet
109Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT841ANTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT841 TI-SN54ABT841 Datasheet
109Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT29841 TI1-SN54BCT29841_08 Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com