Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6658MAX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6658MAX
Description  LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6658MAX Datasheet(HTML) 3 Page - Texas Instruments

  LMH6658MAX Datasheet HTML 1Page - Texas Instruments LMH6658MAX Datasheet HTML 2Page - Texas Instruments LMH6658MAX Datasheet HTML 3Page - Texas Instruments LMH6658MAX Datasheet HTML 4Page - Texas Instruments LMH6658MAX Datasheet HTML 5Page - Texas Instruments LMH6658MAX Datasheet HTML 6Page - Texas Instruments LMH6658MAX Datasheet HTML 7Page - Texas Instruments LMH6658MAX Datasheet HTML 8Page - Texas Instruments LMH6658MAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LMH6657, LMH6658
www.ti.com
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
L = 100Ω (or as
specified) tied to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
GB
Gain Bandwidth Product
VOUT < 200mVPP
140
MHz
SSBW
−3dB BW
AV = +1, VOUT = 200mVPP
220
270
MHz
AV = +2 or −1, VOUT = 200mVPP
100
GFP
Frequency Response Peaking
AV = +2, VOUT = 200mVPP,
1.5
dB
DC to 100MHz
GFR
Frequency Response Rolloff
AV = +2, VOUT = 200mVPP,
0.5
dB
DC to 100MHz
LPD
1° Linear Phase Deviation
AV = +2, VOUT = 200mVPP, ±1°
30
MHz
GF0.1dB
0.1dB Gain Flatness
AV = +2, ±0.1dB, VOUT = 200mVPP
13
MHz
PBW
Full Power Bandwidth
−1dB, VOUT = 3VPP, AV = −1
55
MHz
DG
Differential Gain
NTSC, VCM = 2V, RL = 150Ω to V
+/2,
0.03
%
Pos. Video Only
DP
Differential Phase
NTSC, VCM = 2V, RL=150Ω to V
+/2 Pos.
0.1
deg
Video Only
Time Domain Response
tr
Rise and Fall Time
AV = +2, VOUT = 500mVPP
3.3
ns
AV = −1, VOUT = 500mVPP
3.4
OS
Overshoot, Undershoot
AV = +2, VOUT = 500mVPP
18
%
ts
Settling Time
VO = 2VPP, ±0.1%, RL = 500Ω to V
+/2,
37
ns
AV = −1
SR
Slew Rate(3)
AV = −1, VO = 3VPP
(4)
470
V/µs
AV = +2, VO = 3VPP
(4)
420
Distortion and Noise Response
HD2
2nd Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = -1
−70
dBc
HD3
3rd Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = -1
−57
dBc
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = -1
−55.5
dBc
Vn
Input-Referred Voltage Noise
f = 100KHz
11
nV/
√Hz
f = 1KHz
19
In
Input-Referred Current Noise
f = 100KHz
2.1
pA/
√Hz
f = 1KHz
7.5
XTLKA
Cross-Talk Rejection (LMH6658)
f = 5MHz, RL (SND) = 100Ω
69
dB
RCV: RF = RG = 1k
Static, DC Performance
AVOL
Large Signal Voltage Gain
VO = 1.25V to 3.75V,
85
95
RL = 2k to V
+/2
VO = 1.5V to 3.5V,
75
85
dB
RL = 150Ω to V
+/2
VO = 2V to 3V,
70
80
RL = 50Ω to V
+/2
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−0.2
−0.5
Range
−0.1
V
3.0
3.3
2.8
VOS
Input Offset Voltage
±1.1
±5
mV
±7
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the "worst case" of the rising and falling slew rates.
(4)
Output Swing not limited by Slew Rate limit.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658MAX TI1-LMH6658MAX Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MAX/NOPB TI1-LMH6658MAX/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6658MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com