Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6482AIN Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC6482AIN
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482AIN Datasheet(HTML) 5 Page - Texas Instruments

  LMC6482AIN Datasheet HTML 1Page - Texas Instruments LMC6482AIN Datasheet HTML 2Page - Texas Instruments LMC6482AIN Datasheet HTML 3Page - Texas Instruments LMC6482AIN Datasheet HTML 4Page - Texas Instruments LMC6482AIN Datasheet HTML 5Page - Texas Instruments LMC6482AIN Datasheet HTML 6Page - Texas Instruments LMC6482AIN Datasheet HTML 7Page - Texas Instruments LMC6482AIN Datasheet HTML 8Page - Texas Instruments LMC6482AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
AC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
L > 1M. Boldface limits
apply at the temperature extremes.
LMC6482AI
LMC6482I
LMC6482M
Typ
Parameter
Test Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2)
Gm
Gain Margin
15
dB
Amp-to-Amp Isolation
(4)
150
dB
en
Input-Referred Voltage Noise
F = 1kHz
37
nV/
√Hz
Vcm = 1V
In
Input-Referred Current Noise
F = 1kHz
0.03
pA/
√Hz
T.H.D.
Total Harmonic Distortion
F = 10kHz, AV = −2
0.01
%
RL = 10kΩ, VO = 4.1 VPP
F = 10kHz, AV = −2
0.01
%
RL = 10kΩ, VO = 8.5 VPP
V+ = 10V
(4)
Input referred, V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turn with 1 kHz to produce VO = 12 VPP.
DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2 and R
L > 1M.
LMC6482AI
LMC6482I
LMC6482M
Typ
Parameter
Test Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2)
VOS
Input Offset Voltage
0.9
2.0
3.0
3.0
mV
2.7
3.7
3.8
max
TCVOS
Input Offset Voltage
2.0
μV/°C
Average Drift
IB
Input Bias Current
0.02
pA
IOS
Input Offset Current
0.01
pA
CMRR
Common Mode Rejection 0V
≤ VCM ≤ 3V
74
64
60
60
dB
Ratio
min
PSRR
Power Supply Rejection
3V
≤ V+ ≤ 15V, V= 0V
80
68
60
60
dB
Ratio
min
VCM
Input Common-Mode
For CMRR
≥ 50dB
V
−0.25
0
0
0
V
Voltage Range
max
V+ + 0.25
V+
V+
V+
V
min
VO
Output Swing
RL = 2kΩ to V
+/2
2.8
V
0.2
V
RL = 600Ω to V
+/2
2.7
2.5
2.5
2.5
V
min
0.37
0.6
0.6
0.6
V
max
IS
Supply Current
Both Amplifiers
0.825
1.2
1.2
1.2
mA
1.5
1.5
1.6
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6482


Similar Part No. - LMC6482AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482AIN NSC-LMC6482AIN Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482AIN TI-LMC6482AIN Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIN TI1-LMC6482AIN Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIN TI1-LMC6482AIN Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482AIN/NOPB TI1-LMC6482AIN/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_16 Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com