Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6657 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6657
Description  LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6657 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6657 Datasheet HTML 5Page - Texas Instruments LMH6657 Datasheet HTML 6Page - Texas Instruments LMH6657 Datasheet HTML 7Page - Texas Instruments LMH6657 Datasheet HTML 8Page - Texas Instruments LMH6657 Datasheet HTML 9Page - Texas Instruments LMH6657 Datasheet HTML 10Page - Texas Instruments LMH6657 Datasheet HTML 11Page - Texas Instruments LMH6657 Datasheet HTML 12Page - Texas Instruments LMH6657 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
0.5
1
1.5
2
2.5
3
VOUT (VPP)
-100
-90
-80
-70
-60
-50
-40
-30
-20
10MHz, 1k:
1MHz, 1k:
10MHz, 150:
1MHz, 150:
VS = ±2.5V
AV = +2
0
1
2
3
4
5
6
7
8
9
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
VOUT (VPP)
f = 5MHz
AV = -1
VS = ±5V
RL = 100:
THD
HD3
HD2
0
1
2
3
4
5
6
7
8
9
-100
-90
-80
-70
-60
-50
-40
VOUT (VPP)
f = 500KHz
AV = -1
VS = ±5V
RL = 100:
THD
HD2
HD3
100
10k
10M
0.001
10
100
100M
100k
1k
1G
FREQUENCY (Hz)
1M
1
0.1
0.01
AV = +1
10
100
1k
10k
100k
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
VOLTAGE
CURRENT
120
100
10k
1M
100M
FREQUENCY (Hz)
20
50
90
10M
100k
1k
110
100
70
60
40
80
30
VS = ±5V
SND: RL = 100:
RCV = RF = RG = 1k
LMH6657, LMH6658
www.ti.com
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Noise vs. Frequency
Crosstalk Rejection vs. Frequency
Figure 15.
Figure 16.
Output Impedance vs. Frequency
HD vs. VOUT
Figure 17.
Figure 18.
HD vs. VOUT
THD vs. VOUT
Figure 19.
Figure 20.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 TI1-LMH6657 Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
logo
National Semiconductor ...
LMH6657MF NSC-LMH6657MF Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6657MF TI1-LMH6657MF Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com