Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K44T-500E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K44T-500E
Description  Automotive R2CouplerTM Wide Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K44T-500E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K44T-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACPL-K43T, ACPL-K44T
Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital
Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Description
The ACPL-K43T is a single channel, high temperature,
high CMR, high speed digital optocoupler in an eight lead
miniature footprint specifically used in the automotive
applications. The ACPL-K44T is a dual channel equiva-
lent of the ACPL-K43T. Both products are available in the
stretched SO-8 package outline, designed to be compat-
ible with standard surface mount processes.
This digital optocoupler uses an insulating layer between
the light emitting diode and an integrated photo detector
to provide electrical insulation between input and output.
Separate connections for the photodiode bias and output
transistor collector increase the speed up to a hundred
times over that of a conventional photo-transistor coupler
by reducing the base-collector capacitance.
Avago R2Coupler isolation products provide with rein-
forced insulation and reliability that delivers safe signal
isolation critical in automotive and high temperature
industrial applications.
Functional Diagram
Note: The connection of a 0.1
F bypass capacitor between pins 5 and 8
is recommended.
Features
 High Temperature and Reliability low speed digital
interface for Automotive Application
 Ultra low drive for status feedback at IF = 0.8 mA or 1.5
mA
 30 kV/s (Typ) High Common-Mode Rejection at VCM =
1500 V
 Compact, Auto-Insertable Stretched SO8 Packages
 Qualified to AEC Q100 Grade 1 Test Guidelines
 Wide Operating Temperature Range: -40° C to +125° C
 High Speed: 1 MBd
 Low Propagation Delay: 1 s max. at IF = 10 mA
 Worldwide Safety Approval:
– UL 1577 approval, 5 kVRMS/1 min.
– CSA Approval
– IEC/EN/DIN EN 60747-5-5
Applications
 Automotive IPM Driver for DC-DC converters and
motor inverters
 Status Feedback and Wake-Up Signal Isolation
 CANBus and SPI Communications Interface
 High Temperature Digital/Analog Signal Isolation
Truth Table
LED
Vo
ON
LOW
OFF
HIGH
7
1
2
3
45
6
8
ANODE
CATHODE
NC
NC
VCC
VO
NC
GND
ACPL-K43T
7
1
2
3
45
6
8
ANODE1
CATHODE1
CATHODE2
ANODE2
VCC
VO1
VO2
GND
ACPL-K44T


Similar Part No. - ACPL-K44T-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T AVAGO-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
More results

Similar Description - ACPL-K44T-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-K49T-000E BOARDCOM-ACPL-K49T-000E Datasheet
358Kb / 9P
   Wide Operating Temperature Automotive R2CouplerTM 20 kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
logo
Broadcom Corporation.
ACFL-5211T-000E BOARDCOM-ACFL-5211T-000E Datasheet
312Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital Optocoupler in a Stretched 12-Pin Surface Mount Plastic Package
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com