Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M43T-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M43T-500E
Description  Wide Operating Temperature Automotive Digital Optocoupler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M43T-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M43T-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
150
°C
Operating Temperature
TA
-40
125
°C
Lead Soldering Cycle
Temperature
260
°C
Time
10
s
Average Forward Input Current
IF(avg)
20
mA
Peak Forward Input Current
(50% duty cycle, 1ms pulse width)
IF(peak)
40
mA
Peak Transient Input Current
(<= 1us pulse width, 300ps)
IF(trans)
100
mA
Reversed Input Voltage
VR
5
V
Pin 3 - 1
Input Power Dissipation
PIN
30
mW
Output Power Dissipation
PO
100
mW
Average Output Current
IO
8mA
Peak Output Current
Io(pk)
16
mA
Supply Voltage (Pins 6-4)
VCC
-0.5
30
V
Output Voltage (Pins 5-4)
VO
-0.5
20
V
Solder Reflow Temperature Profile
See Reflow Temperature Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Supply Voltage
VCC
3.0
20.0
V
Operating Temperature
TA
-40
125
°C


Similar Part No. - ACPL-M43T-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
More results

Similar Description - ACPL-M43T-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
ACPL-K43T-060E AVAGO-ACPL-K43T-060E Datasheet
127Kb / 11P
   Automotive R2CouplerTM Wide Operating Temperature
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-M49T-000E BOARDCOM-ACPL-M49T-000E Datasheet
533Kb / 12P
   Wide Operating Temperature Automotive R2Coupler??20-kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-K49T BOARDCOM-ACPL-K49T Datasheet
627Kb / 13P
   Wide Operating Temperature Automotive R2Coupler짰 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor
ACPL-K49T-000E BOARDCOM-ACPL-K49T-000E Datasheet
358Kb / 9P
   Wide Operating Temperature Automotive R2CouplerTM 20 kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com