Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W343-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W343-500E
Description  4.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W343-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W343-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W343-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-P343
ACPL-W343
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
7.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking
(External Creepage)
L(102)
8.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Notes:
1. All Avago data sheets report the creepage and clearance inherent to the optocoupler component itself. These dimensions are needed as a starting
point for the equipment designer when determining the circuit insulation requirements. However, once mounted on a printed circuit board,
minimum creepage and clearance requirements must be met as specified for individual equipment standards. For creepage, the shortest distance
path along the surface of a printed circuit board between the solder fillets of the input and output leads must be considered (the recommended
Land Pattern does not necessarily meet the minimum creepage of the device). There are recommended techniques such as grooves and ribs which
may be used on a printed circuit board to achieve desired creepage and clearances. Creepage and clearance distances will also change depending
on factors such as pollution degree and insulation level.
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
Output IC Junction Temperature
TJ
125
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current
(<1
s pulse width, 300 pps)
IF(TRAN)
1A
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH(PEAK)
4.0
A
2
“Low” Peak Output Current
IOL(PEAK)
4.0
A
2
Total Output Supply Voltage
(VCC - VEE)
035
V
Input Current (Rise/Fall Time)
tr(IN) / tf(IN)
500
ns
Output Voltage
VO(PEAK)
-0.5
VCC
V
Output IC Power Dissipation
PO
700
mW
3
Total Power Dissipation
PT
745
mW
4
Lead Solder Temperature
260° C for 10 sec., 1.6 mm below seating plane
Table 4. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
-40
105
°C
Output Supply Voltage
(VCC - VEE)
1530V
Input Current (ON)
IF(ON)
716
mA
Input Voltage (OFF)
VF(OFF)
-3.6
0.8
V


Similar Part No. - ACPL-W343-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W343 AVAGO-ACPL-W343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results

Similar Description - ACPL-W343-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com