Electronic Components Datasheet Search |
|
ACPL-021L-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
ACPL-021L-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 11 page 5 Insulation and Safety Related Specifications Parameter Symbol ACPL-M21L ACPL-024L ACPL-021L Units Conditions Minimum External Air Gap (Clearance) L(101) 5 4.9 mm Measured from input terminals to output terminals, shortest distance through air. Minimum External Tracking (Creepage) L(102) 5 4.8 mm Measured from input terminals to output terminals, shortest distance path along body. Minimum Internal Plastic Gap (Internal Clearance) 0.08 0.08 mm Through insulation distance conductor to conductor, usually the straight line distance thickness between the emitter and detector. Tracking Resistance (Comparative Tracking Index) CTI 175 175 Volts DIN IEC 112/VDE 0303 Part 1 Isolation Group IIIa IIIa Material Group (DIN VDE 0110, 1/89, Table 1) IEC/EN 60747-5-5 Insulation Characteristics* (Option 060) Description Symbol Characteristic Unit ACPL-M21L/ 024L/021L Installation classification per DIN VDE 0110/39, Table 1 for rated mains voltage ≤ 150 Vrms for rated mains voltage ≤ 300 Vrms for rated mains voltage ≤ 600 Vrms for rated mains voltage ≤ 1000 Vrms I – IV I – III I – II Climatic Classification 55/105/21 Pollution Degree (DIN VDE 0110/39) 2 Maximum Working Insulation Voltage VIORM 567 Vpeak Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial discharge < 5 pC VPR 1063 Vpeak Input to Output Test Voltage, Method a* VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec, Partial discharge < 5 pC VPR 896 Vpeak Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec) VIOTM 6000 Vpeak Safety-limiting values – maximum values allowed in the event of a failure. Case Temperature TS 150 °C Input Current** IS, INPUT 150 mA Output Power** PS, OUTPUT 600 mW Insulation Resistance at TS, VIO = 500 V RS >109 W * Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN 60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles. ** Refer to the following figure for dependence of PS and IS on ambient temperature. |
Similar Part No. - ACPL-021L-500E |
|
Similar Description - ACPL-021L-500E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |