Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W341-560E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W341-560E
Description  3.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W341-560E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W341-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W341-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Table 5. Electrical Specifications (DC)
Unless otherwise noted, all typical values are at TA = 25° C, VCC - VEE = 30 V, VEE = Ground; all minimum and maximum
specifications are at recommended operating conditions (TA = -40 to 105° C, IF(ON) = 7 to 16 mA, VF(OFF) = -3.6 to 0.8 V,
VEE = Ground, VCC = 15 to 30 V).
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Peak Output
Current
IOH
-1.0
-2.3
A
VO = VCC – 4 V
14
5
-2.5
A
VCC - VO ≤ 15 V
6
Low Level Peak Output
Current
IOL
1.0
3.0
A
VO = VEE + 2.5 V
15
5
2.5
A
VO - VEE ≤ 15 V
7
High Output Transistor
RDS(ON)
RDS,OH
1.7
3.0
IOH = -2.5 A
8
Low Output Transistor
RDS(ON)
RDS,OL
0.8
1.8
IOL = 2.5 A
8
High Level Output Voltage
VOH
Vcc – 0.3
Vcc – 0.2
V
IO = -100 mA
2, 16
9, 10
High Level Output Voltage
VOH
Vcc
V
IO = 0 mA, IF = 10 mA
1
Low Level Output Voltage
VOL
0.1
0.2
V
IO = 100 mA
5, 17
High Level Supply Current
ICCH
1.9
3.0
mA
Rg = 10
,
Cg = 25 nF, IF = 10 mA
4, 5
Low Level Supply Current
ICCL
1.9
3.0
mA
Rg = 10
,
Cg = 25 nF, VF = 0 V
Threshold Input Current
Low to High
IFLH
1.5
4.0
mA
Rg = 10
,
Cg = 25 nF, VO > 5 V
6, 7, 8
Threshold Input Voltage
High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.55
1.95
V
IF = 10 mA
13
Temperature Coefficient
of Input Forward Voltage
VF/TA
-1.7
mV/°C
IF = 10 mA
Input Reverse Breakdown
Voltage
BVR
5V
IR = 100
A
Input Capacitance
CIN
70
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+
12.1
12.8
13.5
V
VO > 5 V, IF = 10 mA
19
VUVLO-
11.1
11.8
12.4
UVLO Hysteresis
UVLOHYS
1.0
V


Similar Part No. - ACPL-W341-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
More results

Similar Description - ACPL-W341-560E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com