Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA551FA500G3 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA551FA500G3
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA551FA500G3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA551FA500G3 Datasheet HTML 6Page - Texas Instruments OPA551FA500G3 Datasheet HTML 7Page - Texas Instruments OPA551FA500G3 Datasheet HTML 8Page - Texas Instruments OPA551FA500G3 Datasheet HTML 9Page - Texas Instruments OPA551FA500G3 Datasheet HTML 10Page - Texas Instruments OPA551FA500G3 Datasheet HTML 11Page - Texas Instruments OPA551FA500G3 Datasheet HTML 12Page - Texas Instruments OPA551FA500G3 Datasheet HTML 13Page - Texas Instruments OPA551FA500G3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OPA551, OPA552
10
SBOS100A
www.ti.com
POWER SUPPLIES
The OPA551 and OPA552 may be operated from power
supplies of
±4V to ±30V, or a total of 60V with excellent
performance. Most behavior remains unchanged throughout
the full operating voltage range. Parameters that vary sig-
nificantly with operating voltage are shown in the Typical
Performance Curves.
For applications that do not require symmetrical output
voltage swing, power supply voltages do not need to be
equal. The OPA551 and OPA552 can operate with as little
as 8V between the supplies or with up to 60V between the
supplies. For example, the positive supply could be set to
50V with the negative supply at –10V or vice-versa.
The SO-8 package outline shows three negative supply (V–)
pins. These pins are internally connected for improved thermal
performance. Pin 4 is to be used as the primary current
carrier for the negative supply. It is recommended that
pins 1 and 5 not be directly connected to V– but, instead
be connected to a thermal mass. DO NOT lay out the PC
board to use pins 1 and 5 as feedthroughs to the negative
supply. Doing so can result in a reduction of performance.
The tab of the DDPAK-7 package is electrically connected
to the negative supply (V–), however, this connection should
not be used to carry current. For best thermal performance,
the tab should be soldered directly to the circuit board
copper area (see heat sink text).
POWER DISSIPATION
Internal power dissipation of these op amps can be quite
large. Many of the specifications for the OPA551 and
OPA552 are for a specified junction temperature. If the
device is not subjected to internal self-heating, the junction
temperature will be the same as the ambient. However, in
practical applications, the device will self-heat and the junc-
tion temperature will be significantly higher than ambient.
After junction temperature has been established, perfor-
mance parameters that vary with junction temperature can be
determined from the performance curves. The following
calculation can be performed to establish junction tempera-
ture as a function of ambient temperature and the conditions
of the application.
Consider the OPA551 in a circuit configuration where the
load is 600
Ω and the output voltage is 15V. The supplies are
at
±30V and the ambient temperature (T
A) is 40°C. The θJA
for the 8-pin DIP package is 100
°C/W.
First, the internal heating of the op amp is as follows:
PD(internal) = IQ • VS = 7.2mA • 60V = 432mW
The output current (IO) can be calculated:
IO = VOUT/RL = 15V/600Ω = 25mA
The power being dissipated (PD) in the output transistor of
the amplifier can be calculated:
PD(output stage) = IO • (VS – VO) = 25mA • (30 – 15) = 375mW
PD(total) = PD(internal) + PD(outputstage) = 432mW + 375mW = 807mW
The resulting junction temperature can be calculated:
TJ = TA + PD θJA
TJ = 40°C + 807mW • 100°C/W = 120.7°C
Where,
TJ = junction temperature (°C)
TA = ambient temperature (°C)
θ
JA = junction-to-air thermal resistance (°C/W)
For the DDPAK package, the
θ
JA is 65°C/W with no heat
sinking, resulting in a junction temperature of 92.5
°C.
To estimate the margin of safety in a complete design
(including heat sink), increase the ambient temperature until
the thermal protection is activated. Use worst-case load and
signal conditions. For good reliability, the thermal protec-
tion should trigger more than +35
°C above the maximum
expected ambient condition of your application. This en-
sures a maximum junction temperature of +125
°C at the
maximum expected ambient condition.
If the OPA551 or OPA552 is to be used in an application
requiring more than 0.5W continuous power dissipation, it
is recommended that the DDPAK package option be used.
The DDPAK has superior thermal dissipation characteris-
tics and is more easily adapted to a heat sink.
Operation from a single power supply (or unbalanced power
supplies) can produce even larger power dissipation since a
larger voltage can be impressed across the conducting output
transistor. Consult Application Bulletin AB-039 for further
information on how to calculate or measure power dissipation.
Power dissipation can be minimized by using the lowest
possible supply voltage. For example, with a 200mA load,
the output will swing to within 3.5V of the power supply
rails. Power supplies set to no more than 3.5V above the
maximum output voltage swing required by the application
will minimize the power dissipation.
SAFE OPERATING AREA
The Safe Operating Area (SOA curves, Figures 3, 4, and 5)
shows the permissible range of voltage and current. The
curves shown represent devices soldered to a circuit board
with no heat sink. The safe output current decreases as the
voltage across the output transistor (VS – VO) increases. For
further insight on SOA, consult Application Bulletin AB-039.
Output short circuits are a very demanding case for SOA.
A short circuit to ground forces the full power supply
voltage (V+ or V–) across the conducting transistor and
produces a typical output current of 380mA. With
±30V


Similar Part No. - OPA551FA500G3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551FA BURR-BROWN-OPA551FA Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FA TI1-OPA551FA Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551FA TI1-OPA551FA Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
OPA551FA/500 BURR-BROWN-OPA551FA/500 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FA/500 TI1-OPA551FA/500 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551FA500G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com