Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1798950000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1798950000
Description  Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1798950000 Datasheet(HTML) 2 Page - Weidmuller

  1798950000 Datasheet HTML 1Page - Weidmuller 1798950000 Datasheet HTML 2Page - Weidmuller 1798950000 Datasheet HTML 3Page - Weidmuller 1798950000 Datasheet HTML 4Page - Weidmuller 1798950000 Datasheet HTML 5Page - Weidmuller 1798950000 Datasheet HTML 6Page - Weidmuller 1798950000 Datasheet HTML 7Page - Weidmuller 1798950000 Datasheet HTML 8Page - Weidmuller 1798950000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Datasheet
Pitch 3.81 mm (0.150 inch)
SC-SMT 3.81/04/180G 3.2SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
www.weidmueller.com
Technical data
Creation date October 1, 2010 9:37:45 PM CEST
Last update 30.08.2010 / We reserve the right to make technical changes.
2
System parameters
Fitted to PCB
Reflow solder connection
Outgoing elbow
180°
Pitch in mm
3.81 mm
Pitch in inch
0.15 inch
No. of poles
4
Solder pin length
3.2 mm
Can be coded
Yes
No. of rows
1
Number of solder pins per pole
1
Diameter of solder eyelet
1.3 mm
Tolerance of the diameter of the solder
eyelet
+ 0,1 mm
L1 in mm
11.43 mm
L1 in inch
0.45 inch
Insulation resistance
103 Ω
Electric shock protection to DIN VDE 0470 IP 20
Electric shock protection to DIN VDE 57 106 Safe from finger touch
Material data
Insulating material
LCP GF
Colour
black
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
≥ 175
Contact material
Copper alloy
Contact surface
tinned
Highest continous operating temperature,
min.
-25 °C
Highest continous operating temperature,
max.
120 °C
Max. relative humidity during storage
85 %
DIN IEC rating data
Rated current, min. No. of poles (Tu=20°C) 17.5 A
Rated current, max. No. of poles (Tu=20°C) 13.9 A
Rated current, no. of poles (Tu=40°C), min. 17 A
Rated current, no. of poles (Tu=40°C), max. 12.4 A
Rated voltage at overvoltage category/
pollution degree III/3
160 V
Rated impulse withstand voltage for
overvoltage class/pollution severity III/3
2.5 kV
Rated voltage for overvoltage class/pollution
severity III/2
160 V
Rated impulse withstand voltage for
overvoltage class/pollution severity III/2
2.5 kV
Rated voltage for overvoltage class/pollution
severity II/2
320 V
Rated impulse withstand voltage for
overvoltage class/pollution severity II/2
2.5 kV
Short-time withstand current resistance
3 x 1s with 76 A
CSA rating data
Rated voltage (Use group B)
300 V
Rated current (use group B)
10 A
Rated voltage (use group D)
300 V
Rated current (use group D)
10 A
UL 1059 rating data
Rated voltage (use group B)
300 V
Rated current (use group B)
10 A
Rated voltage (use group D)
300 V
Rated current (use group D)
10 A
Approvals
Approvals institutes
CSA; CURUS; ROHS
Classifications
ETIM 3.0
EC001284
eClass 5.1
27-26-07-04
eClass 6.0
27-26-07-04


Similar Part No. - 1798950000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1798950000 WEIDMULLER-1798950000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
More results

Similar Description - 1798950000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
1862490000 WEIDMULLER-1862490000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1862460000 WEIDMULLER-1862460000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
1862480000 WEIDMULLER-1862480000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1862920000 WEIDMULLER-1862920000 Datasheet
371Kb / 35P
   OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
   SC 3.81/02/90G 3.2SN BK BX
1798170000 WEIDMULLER-1798170000 Datasheet
84Kb / 6P
   BCZ 3.81/08/270 SN BK BX
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
   OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com