Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1940800000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1940800000
Description  OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1940800000 Datasheet(HTML) 2 Page - Weidmuller

  1940800000 Datasheet HTML 1Page - Weidmuller 1940800000 Datasheet HTML 2Page - Weidmuller 1940800000 Datasheet HTML 3Page - Weidmuller 1940800000 Datasheet HTML 4Page - Weidmuller 1940800000 Datasheet HTML 5Page - Weidmuller 1940800000 Datasheet HTML 6Page - Weidmuller 1940800000 Datasheet HTML 7Page - Weidmuller 1940800000 Datasheet HTML 8Page - Weidmuller 1940800000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Data sheet...
 
OMNIMATE Signal - series BC/SC 3.81
SC-SMT 3.81/02/180G 3.2SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Technical data
 
 
Creation date April 9, 2013 10:37:42 PM CEST
 
Catalogue status 12.03.2013 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Net weight
0.78 g
   
 
System parameters
 
Product family
OMNIMATE Signal - series
BC/SC 3.81
  Mounting onto the PCB
Reflow solder connection
Outgoing elbow
180°
  Pitch in mm (P)
3.81 mm
Pitch in inches (P)
0.15 inch
  No. of poles
2
Solder pin length (l)
3.2 mm
  Pin dimensions
d = 1.0 mm, Octagonal
Can be coded
Yes
  Number of rows
1
Number of solder pins per pole
1
  Solder eyelet hole diameter (D)
1.3 mm
Solder eyelet hole diameter tolerance (D)+ 0,1 mm
  L1 in mm
3.81 mm
L1 in inches
0.15 inch
  Insulation resistance
103 Ω
Touch-safe protection acc. to DIN VDE
0470
IP 20
  Touch-safe protection acc. to DIN VDE
57 106
Safe from finger touch
 
Material data
 
Insulating material
LCP GF
  Colour
Black
Insulating material group
IIIa
  UL 94 flammability rating
V-0
CTI
≥ 175
  Contact material
Cu-Leg
Contact surface
tinned
  Continuous operating temp., min.
-25 °C
Continuous operating temp., max.
120 °C
  Max. relative humidity during storage 85 %
 
DIN IEC rating data
 
Rated current, min. no. of poles
(TU=20°C)
17.5 A
  Rated current, max. no. of poles
(Tu=20°C)
13.9 A
Rated current, number of poles
(Tu=40°C), min
17 A
  Rated current, number of poles
(Tu=40°C), max.
12.4 A
Rated voltage for surge voltage class /
pollution degree III/3
160 V
  Rated impulse voltage for surge voltage
class/ contamination degree III/3
2.5 kV
Rated voltage for surge voltage class /
pollution degree III/2
160 V
  Rated impulse voltage for surge voltage
class/ pollution degree III/2
2.5 kV
Rated voltage for surge voltage class /
pollution degree II/2
320 V
  Rated impulse voltage for surge voltage
class/ pollution degree II/2
2.5 kV
Short-time withstand current resistance 3 x 1s with 76 A
   
 
CSA rating data
 
Institute (CSA)
  Rated voltage (Use group B)
300 V
Rated current (use group B)
10 A
  Rated voltage (use group D)
300 V
Rated current (use group D)
10 A
   
 
UL 1059 rating data
 
Rated voltage (use group B)
300 V
  Rated current (use group B)
10 A
Rated voltage (use group D)
300 V
  Rated current (use group D)
10 A
 


Similar Part No. - 1940800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1940800000 WEIDMULLER-1940800000 Datasheet
88Kb / 6P
   PCB connection systems
1940800000 WEIDMULLER-1940800000 Datasheet
88Kb / 6P
   PCB connection systems
More results

Similar Description - 1940800000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
   SC 3.81/02/90G 3.2SN BK BX
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
1862460000 WEIDMULLER-1862460000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/02/90G 3.2SN BK BX
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
   OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
1862480000 WEIDMULLER-1862480000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/03/90G 3.2SN BK BX
1862490000 WEIDMULLER-1862490000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/90G 3.2SN BK BX
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
   Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1793630000 WEIDMULLER-1793630000 Datasheet
81Kb / 5P
   SC 3.81/4/180G3.2SN GN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com