Electronic Components Datasheet Search |
|
OR2C12A-4M208I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
OR2C12A-4M208I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 192 page Data Sheet June 1999 ORCA Series 2 FPGAs Lucent Technologies Inc. 3 Description The ORCA Series 2 series of SRAM-based FPGAs are an enhanced version of the ATT2C/2T architecture. The latest ORCA series includes patented architectural enhancements that make functions faster and easier to design while conserving the use of PLCs and routing resources. The Series 2 devices can be used as drop-in replace- ments for the ATT2Cxx/ATT2Txx series, respectively, and they are also bit stream compatible with each other. The usable gate counts associated with each series are provided in Table 1. Both series are offered in a variety of packages, speed grades, and tempera- ture ranges. The ORCA series FPGA consists of two basic ele- ments: programmable logic cells (PLCs) and program- mable input/output cells (PICs). An array of PLCs is surrounded by PICs as shown in Figure 1. Each PLC contains a programmable function unit (PFU). The PLCs and PICs also contain routing resources and configuration RAM. All logic is done in the PFU. Each PFU contains four 16-bit look-up tables (LUTs) and four latches/flip-flops (FFs). The PLC architecture provides a balanced mix of logic and routing that allows a higher utilized gate/PFU than alternative architectures. The routing resources carry logic signals between PFUs and I/O pads. The routing in the PLC is symmetrical about the horizontal and ver- tical axes. This improves routability by allowing a bus of signals to be routed into the PLC from any direction. Some examples of the resources required and the per- formance that can be achieved using these devices are represented in Table 2. Table 2 . ORCA Series 2 System Performance 1. Implemented using 4 x 1 multiplier mode (unpipelined), register-to-register, two 8-bit inputs, one 16-bit output. 2. Implemented using two 16 x 12 ROMs and one 12-bit adder, one 8-bit input, one fixed operand, one 16-bit output. 3. Implemented using 4 x 1 multiplier mode (fully pipelined), two 8-bit inputs, one 16-bit output (28 of 44 PFUs contain only pipelining registers). 4. Implemented using 16 x 4 synchronous single-port RAM mode allowing both read and write per clock cycle, including write/read address multiplexer. 5. Implemented using 16 x 4 synchronous single-port RAM mode allowing either read or write per clock cycle, including write/read address mul- tiplexer. 6. Implemented using 16 x 2 synchronous dual-port RAM mode. 7. OR2TxxB available only in -7 and -8 speeds only. 8. Speed grades of -5, -6, and -7 are for OR2TxxA devices only. Function # PFUs Speed Grade Unit -2A -3A -4A -5A -6A -7A -7B -8B 16-bit loadable up/down counter 4 51.0 66.7 87.0 104.2 129.9 144.9 131.6 149.3 MHz 16-bit accumulator 4 51.0 66.7 87.0 104.2 129.9 144.9 131.6 149.3 MHz 8 x 8 parallel multiplier: — Multiplier mode, unpipelined1 — ROM mode, unpipelined2 — Multiplier mode, pipelined3 22 9 44 14.2 41.5 50.5 19.3 55.6 69.0 25.1 71.9 82.0 31.0 87.7 103.1 36.0 107.5 125.0 40.3 122.0 142.9 37.7 103.1 123.5 44.8 120.5 142.9 MHz MHz MHz 32 x 16 RAM: — Single port (read and write/ cycle)4 — Single port5 — Dual port6 9 9 16 21.8 38.2 38.2 28.6 52.6 52.6 36.2 69.0 83.3 53.8 92.6 92.6 53.8 92.6 92.6 62.5 96.2 96.2 57.5 97.7 97.7 69.4 112.4 112.4 MHz MHz MHz 36-bit parity check (internal) 4 13.9 11.0 9.1 7.4 5.6 5.2 6.1 5.1 ns 32-bit address decode (internal) 3.25 12.3 9.5 7.5 6.1 4.6 4.3 4.8 4.0 ns |
Similar Part No. - OR2C12A-4M208I |
|
Similar Description - OR2C12A-4M208I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |