Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM392N Datasheet(PDF) 4 Page - Texas Instruments

Part # LM392N
Description  lm392-N Low Power Operational Amplifier/Voltage Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM392N Datasheet(HTML) 4 Page - Texas Instruments

  LM392N Datasheet HTML 1Page - Texas Instruments LM392N Datasheet HTML 2Page - Texas Instruments LM392N Datasheet HTML 3Page - Texas Instruments LM392N Datasheet HTML 4Page - Texas Instruments LM392N Datasheet HTML 5Page - Texas Instruments LM392N Datasheet HTML 6Page - Texas Instruments LM392N Datasheet HTML 7Page - Texas Instruments LM392N Datasheet HTML 8Page - Texas Instruments LM392N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM392-N
SNOSBT5D – APRIL 1998 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
(V
+ = 5 V
DC; specifications apply to both amplifiers unless otherwise stated)
(1)
lm392-N
Parameter
Conditions
Units
Min
Typ
Max
Amplifier-to-Amplifier Coupling
f = 1 kHz to 20 kHz, TA = 25°C, Input Referred,
(5)
−100
dB
Input Offset Voltage
(2)
±7
mV
Input Bias Current
IN(+) or IN(
−)
400
nA
Input Offset Current
IN(+)
− IN(−)
150
nA
Input Common-Mode Voltage Range
V+ = 30 VDC,
(4)
0
V+
−2
V
Differential Input Voltage
Keep All VIN'
s≥ 0 V
DC (or V
, if used ) (6)
32
V
OP AMP ONLY
Large Signal Voltage Gain
V+ = 15 VDC, Vo swing = 1 VDC to 11 VDC, RL = 2
25
100
V/mV
k
Ω, TA = 25°C
Output Voltage Swing
RL = 2 kΩ, TA = 25°C
0
V+
−1.5
V
Common-Mode Rejection Ratio
DC, TA = 25°C, VCM= 0, VDC to V
+−1.5 V
DC
65
70
dB
Power Supply Rejection Ratio
DC, TA = 25°C
65
100
dB
Output Current Source
VIN(+) = 1 VDC, VIN(−) = 0 VDC,
20
40
mA
V+ = 15 VDC, Vo = 2 VDC, TA = 25°C
Output Current Sink
VIN(−) = 1 VDC, VIN(+) = 0 VDC,
10
20
mA
V+ = 15 VDC, Vo =2VDC, TA = 25°C
VIN(−) = 1 VDC, VIN(+) = 0 VDC,
12
50
µA
V+ = 15 VDC, Vo =200 mV, TA = 25°C
Input Offset Voltage Drift
RS = 0Ω
7
μV/°C
Input Offset Current Drift
RS = 0Ω
10
pADC/°C
COMPARATOR ONLY
Voltage Gain
RL ≥ 15 kΩ, V
+ = 15 V
DC, TA = 25°C
50
200
V/mV
Large Signal Response Time(7)
VIN = TTL Logic Swing, VREF = 1.4 VDC
300
ns
VRL = 5 VDC, RL = 5.1 kΩ, TA = 25°C
Response Time
VRL = 5 VDC, RL = 5.1 kΩ, TA = 25°C
1.3
µs
Output Sink Current
VIN(−) =1 VDC, VIN(+) = 0 VDC,
6
16
mA
VO ≥1.5 VDC, TA = 25°C
Saturation Voltage
VIN(−) ≥ 1 VDC, VIN(+) = 0,
250
400
mV
ISINK ≤ 4 mA, TA = 25°C
VIN(−) ≥ 1 VDC, VIN(+) = 0,
700
mV
ISINK ≤ 4 mA
Output Leakage Current
VIN(−) = 0, VIN(+) ≥ 1 VDC,
0.1
nA
Vo = 5 VDC, TA = 25°C
VIN(−) = 0, VIN(+) ≥ 1 VDC,
1.0
μA
Vo = 30 VDC
(5)
Due to proximity of external components, insure that coupling is not originating via the stray capacitance between these external parts.
This typically can be detected as this type of capacitive coupling increases at higher frequencies.
(6)
Positive excursions of input voltage may exceed the power supply level. As long as the other input voltage remains within the common-
mode range, the comparator will provide a proper output state. The input voltage to the op amp should not exceed the power supply
level. The input voltage state must not be less than
−0.3V (or 0.3V below the magnitude of the negative power supply, if used) on either
amplifier.
(7)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM392-N


Similar Part No. - LM392N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392N NSC-LM392N Datasheet
98Kb / 6P
   Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392N/NOPB TI1-LM392N/NOPB Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
More results

Similar Description - LM392N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
[Old version datasheet]   LM392 Low Power Operational Amplifier/Voltage Comparator
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
   Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392 TI-LM392 Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
   Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
   High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com