Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX125EF29I5N Datasheet(PDF) 15 Page - Altera Corporation

Part # EP2AGX125EF29I5N
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX125EF29I5N Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP2AGX125EF29I5N Datasheet HTML 11Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 12Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 13Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 14Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 15Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 16Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 17Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 18Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–15
Electrical Characteristics
July 2012
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
I/O Standard Specifications
Table 1–22 through Table 1–35 list input voltage (VIH and VIL), output voltage (VOH
and VOL), and current drive characteristics (IOH and IOL) for various I/O standards
supported by the Arria II device family. They also show the Arria II device family I/O
standard specifications. VOL and VOH values are valid at the corresponding IOH and
IOL, respectively.
1 For an explanation of terms used in Table 1–22 through Table 1–35, refer to “Glossary”
on page 1–74.
Table 1–22 lists the single-ended I/O standards for Arria II GX devices.
Table 1–23 lists the single-ended I/O standards for Arria II GZ devices.
Table 1–22. Single-Ended I/O Standards for Arria II GX Devices
I/O Standard
VCCIO (V)
VIL (V)
VIH (V)
VOL (V)
VOH (V)
IOL
(mA)
IOH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
3.3 V LVTTL
3.135
3.3
3.465
–0.3
0.8
1.7
3.6
0.45
2.4
4
–4
3.3 V LVCMOS
3.135
3.3
3.465
–0.3
0.8
1.7
3.6
0.2
VCCIO -0.2
2
–2
3.0 V LVTTL
2.85
3
3.15
–0.3
0.8
1.7
VCCIO +
0.3
0.45
2.4
4
–4
3.0 V LVCMOS
2.85
3
3.15
–0.3
0.8
1.7
VCCIO +
0.3
0.2
VCCIO - 0.2
0.1
–0.1
2.5 V LVCMOS
2.375
2.5
2.625
–0.3
0.7
1.7
VCCIO +
0.3
0.4
2
1
–1
1.8 V LVCMOS
1.71
1.8
1.89
–0.3
0.35 ×
VCCIO
0.65 ×
VCCIO
VCCIO +
0.3
0.45
VCCIO -
0.45
2–2
1.5 V LVCMOS
1.425
1.5
1.575
–0.3
0.35 ×
VCCIO
0.65 ×
VCCIO
VCCIO +
0.3
0.25 ×
VCCIO
0.75 ×
VCCIO
2–2
1.2 V LVCMOS
1.14
1.2
1.26
–0.3
0.35 ×
VCCIO
0.65 ×
VCCIO
VCCIO +
0.3
0.25 ×
VCCIO
0.75 ×
VCCIO
2–2
3.0-V PCI
2.85
3
3.15
0.3 ×
VCCIO
0.5 ×
VCCIO
VCCIO +
0.3
0.1 ×
VCCIO
0.9 × VCCIO
1.5
–0.5
3.0-V PCI-X
2.85
3
3.15
0.35 ×
VCCIO
0.5 ×
VCCIO
VCCIO +
0.3
0.1 ×
VCCIO
0.9 × VCCIO
1.5
–0.5
Table 1–23. Single-Ended I/O Standards for Arria II GZ Devices (Part 1 of 2)
I/O Standard
VCCIO (V)
VIL (V)
VIH (V)
VOL (V)
VOH (V)
IOL
(mA)
IOH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
LVTTL
2.85
3
3.15
-0.3
0.8
1.7
3.6
0.4
2.4
2
-2
LVCMOS
2.85
3
3.15
-0.3
0.8
1.7
3.6
0.2
VCCIO - 0.2
0.1
-0.1
2.5 V
2.375
2.5
2.625
-0.3
0.7
1.7
3.6
0.4
2
1
-1
1.8 V
1.71
1.8
1.89
-0.3
0.35 ×
VCCIO
0.65 ×
VCCIO
VCCIO +
0.3
0.45
VCCIO -
0.45
2-2
1.5 V
1.425
1.5
1.575
-0.3
0.35 ×
VCCIO
0.65 ×
VCCIO
VCCIO +
0.3
0.25 ×
VCCIO
0.75 ×
VCCIO
2-2


Similar Part No. - EP2AGX125EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX125 ALTERA-EP2AGX125 Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX125EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com