Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX125EF29I5N Datasheet(PDF) 36 Page - Altera Corporation

Part # EP2AGX125EF29I5N
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX125EF29I5N Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP2AGX125EF29I5N Datasheet HTML 32Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 33Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 34Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 35Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 36Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 37Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 38Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 39Page - Altera Corporation EP2AGX125EF29I5N Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
1–36
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
Table 1–39 lists typical transmitter pre-emphasis levels for Arria II GZ devices (in dB)
for the first post tap under the following conditions (low-frequency data pattern [five
1s and five 0s] at 6.25 Gbps). The levels listed in Table 1–39 are a representation of
possible pre-emphasis levels under the specified conditions only and that the pre-
emphasis levels may change with data pattern and data rate.
f To predict the pre-emphasis level for your specific data rate and pattern, run
simulations using the Arria II HSSI HSPICE models.
Table 1–39. Transmitter Pre-Emphasis Levels for Arria II GZ Devices (Part 1 of 2)
Pre-
Emphasis
1st
Post-Tap
Setting
VOD Setting
012345
67
0
000000
00
1
N/A
0.7
0000
00
2
N/A
1
0.3
000
00
3
N/A
1.5
0.6
000
00
4
N/A
20.7
0.30
0
0
0
5
N/A
2.7
1.2
0.5
0.3
0
0
0
6
N/A
3.1
1.3
0.8
0.5
0.2
0
0
7
N/A
3.7
1.8
1.1
0.7
0.4
0.2
0
8
N/A
4.2
2.1
1.3
0.9
0.6
0.3
0
9
N/A
4.9
2.4
1.6
1.2
0.8
0.5
0.2
10
N/A
5.4
2.8
1.9
1.4
1
0.7
0.3
11
N/A
6
3.2
2.2
1.7
1.2
0.9
0.4
12
N/A
6.8
3.5
2.6
1.9
1.4
1.1
0.6
13
N/A
7.5
3.8
2.8
2.1
1.6
1.2
0.6
14
N/A
8.1
4.2
3.1
2.3
1.7
1.3
0.7
15
N/A
8.8
4.5
3.4
2.6
1.9
1.5
0.8
16
N/A
N/A
4.9
3.7
2.9
2.2
1.7
0.9
17
N/A
N/A
5.3
4
3.1
2.4
1.8
1.1
18
N/A
N/A
5.7
4.4
3.4
2.6
2
1.2
19
N/A
N/A
6.1
4.7
3.6
2.8
2.2
1.4
20
N/A
N/A
6.6
5.1
4
3.1
2.4
1.5
21
N/A
N/A
7
5.4
4.3
3.3
2.7
1.7
22
N/A
N/A
8
6.1
4.8
3.8
3
2
23
N/A
N/A
9
6.8
5.4
4.3
3.4
2.3
24
N/A
N/A
10
7.6
6
4.8
3.9
2.6
25
N/A
N/A
11.4
8.4
6.8
5.4
4.4
3
26
N/A
N/A
12.6
9.4
7.4
5.9
4.9
3.3
27
N/A
N/A
N/A
10.3
8.1
6.4
5.3
3.6
28
N/A
N/A
N/A
11.3
8.8
7.1
5.8
4


Similar Part No. - EP2AGX125EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX125 ALTERA-EP2AGX125 Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX125EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com