Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QVE00039 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QVE00039
Description  PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00039 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QVE00039 Datasheet HTML 1Page - Fairchild Semiconductor QVE00039 Datasheet HTML 2Page - Fairchild Semiconductor QVE00039 Datasheet HTML 3Page - Fairchild Semiconductor QVE00039 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
EMITTER
Forward Voltage
IF = 20 mA
VF
——
1.7
V
Reverse Current
VR = 5 V
IR
——
100
µA
Peak Emission Wavelength
IF = 20 mA
!PE
940
nm
SENSOR
Collector-Emitter Breakdown
IC = 1 mA
BVCEO
30
——
V
Emitter-Collector Breakdown
IE = 0.1 mA
BVECO
5
——
V
Dark Current
VCE = 10 V, IF = 0 mA
ID
——
100
nA
COUPLED
Collector Current
IF = 20 mA, VCE = 10 V
IC(ON)
0.5
——
mA
Collector Emitter
IF = 20 mA, IC = 0.4 mA
VCE (SAT)
——
0.4
V
Saturation Voltage
Rise Time
VCE = 5 V, RL = 100
"
tr
8
µs
Fall Time
IC(ON) = 5 mA
tf
50
µs
ELECTRICAL / OPTICAL CHARACTERISTICS (TA = 25°C)
2 of 4
100016C
QVE00039
PHOTOTRANSISTOR OPTICAL
INTERRUPTER SWITCH
Fig. 3 Collector Emitter Dark Current (Normalized)
vs. Ambient Temperature
40
60
80
100
10-1
100
101
102
103
104
TA = 25˚C
Normalized to:
VCE = 25 V
VCE = 25 V
VCE = 10 V
TA - AMBIENT TEMPERATURE (˚C)
Fig. 1 Forward Voltage vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
0
1
2
3
IF Pulsed
Pulse Width = 100 µs
Duty Cycle = 0.1%
IF = 50 mA
IF = 10 mA
IF = 20 mA
IF = 100 mA
TA - AMBIENT TEMPERATURE (˚C)
VF - FORWARD VOLTAGE (V)
Fig. 2 Forward Current Vs. Forward Voltage
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
20
40
60
80
100
TA = 25˚C
Fig. 4 Rise and Fall Time vs. Load Resistance
10
100
1000
0.1
1
10
100
tf
tr
VCC= 5 V
IC = 0.5 mA
tpw= 100 us
T = 10 ms
TA = 25˚C
tf
tr
RL - LOAD RESISTANCE (")
TYPICAL PERFORMANCE CURVES


Similar Part No. - QVE00039

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
More results

Similar Description - QVE00039

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832 FAIRCHILD-QVE00832 Datasheet
72Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
MOC70P1 FAIRCHILD-MOC70P1 Datasheet
80Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com