Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QVE00120 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QVE00120
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00120 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QVE00120 Datasheet HTML 1Page - Fairchild Semiconductor QVE00120 Datasheet HTML 2Page - Fairchild Semiconductor QVE00120 Datasheet HTML 3Page - Fairchild Semiconductor QVE00120 Datasheet HTML 4Page - Fairchild Semiconductor QVE00120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
100029B
QVE00120
OPTOLOGIC® OPTICAL
INTERRUPTER SWITCH
Fig. 7 Response Time vs. Forward Current
IF - Forward Current (mA)
0
5
10
15
20
0
1
2
3
4
5
TPHL
VCC = 5 V
RL = 270
!
TA = 25˚C
IF Pulsed
T=10 ms
Duty Cycle = 50%
TPLH
Fig. 6 Low Output Voltage vs. Output Current
IO - Output Current (mA)
110
0.01
0.1
1
VCC = 5 V
TA = 25˚C
IF = 0 mA
1.0
1.6
0
20
40
60
80
100
Fig. 5 Forward Current vs. Forward Voltage
VF - Forward Voltage (V)
1.1
1.2
1.3
1.4
1.5
TA = 25˚C
Fig. 4 Normalized Threshold Current
vs. Ambient Temperature
TA - Ambient Temperature (˚C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Normalized to:
VCC = 5 V
TA = 25˚C
IF (OFF)
IF (OFF)
IF (ON)
IF (ON)
Fig. 3 Normalized Threshold Current vs. Supply Voltage
VCC - Supply Voltage (V)
02468
10
12
14
16
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to:
Turn ON Threshold
VCC = 5 V
TA = 25˚C
IF (ON)
IF (OFF)


Similar Part No. - QVE00120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00118 FAIRCHILD-QVE00118 Datasheet
455Kb / 5P
   PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH
More results

Similar Description - QVE00120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com