Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QVE00832 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QVE00832
Description  PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00832 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QVE00832 Datasheet HTML 1Page - Fairchild Semiconductor QVE00832 Datasheet HTML 2Page - Fairchild Semiconductor QVE00832 Datasheet HTML 3Page - Fairchild Semiconductor QVE00832 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TA = 25˚C
PW = 300 µs
PRR = 100 µs
VCC = 5 V
Normalized
to RL = 2k
1
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
23
456
78
9
10
T(off)
-55
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-20
0
20
40
60
80
100
Temp(C)
IF (mA)
Normalized to
IF = 20 mA, VCE = 5 V, TA = 25˚C
IF = 100 mA
IF = 5 mA
0
0
0.5
1
1.5
2
2.5
3
5
1015
20
25
30
3540
455055
TA = 25˚C
VCE = 10 V
Normalized to
IF = 20 mA
TA = 25˚C
PW = 300 µs
PRR = 100 µs
VCC = 5 V
Normalized
to RL = 2k
1
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
23
456
78
9
10
T(on)
RL(k )
RL(k )
0
0
5
10
15
20
25
30
35
40
45
50
55
0.2
0.4
0.6
0.8
VF(V)
1.2
1.4
1.6
1.8
1
TA = 30˚C
TA = 25˚C
TA = 70˚C
Fig. 5 Collector Current vs. Temperature
Fig. 6 Collector Current vs. Forward Current
Fig. 7 Rise Time vs. Load Resistance
Fig. 9 Forward Voltage vs. Forward Current
Fig. 8 Fall Time vs. Load Resistance
IF = 60 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
DS300257
1/3/02
3 OF 4
www.fairchildsemi.com
PHOTOTRANSISTOR OPTICAL
INTERRUPTER SWITCH
QVE00832


Similar Part No. - QVE00832

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
More results

Similar Description - QVE00832

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00039 FAIRCHILD-QVE00039 Datasheet
116Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
MOC70P1 FAIRCHILD-MOC70P1 Datasheet
80Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com