Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3128A Datasheet(PDF) 18 Page - Altera Corporation

Part # EPM3128A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3128A Datasheet(HTML) 18 Page - Altera Corporation

Back Button EPM3128A Datasheet HTML 14Page - Altera Corporation EPM3128A Datasheet HTML 15Page - Altera Corporation EPM3128A Datasheet HTML 16Page - Altera Corporation EPM3128A Datasheet HTML 17Page - Altera Corporation EPM3128A Datasheet HTML 18Page - Altera Corporation EPM3128A Datasheet HTML 19Page - Altera Corporation EPM3128A Datasheet HTML 20Page - Altera Corporation EPM3128A Datasheet HTML 21Page - Altera Corporation EPM3128A Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
The instruction register length of MAX 3000A devices is 10 bits. The
IDCODE and USERCODE register length is 32 bits. Tables 8 and 9 show
the boundary–scan register length and device IDCODE information for
MAX 3000A devices.
Notes:
(1)
The most significant bit (MSB) is on the left.
(2)
The least significant bit (LSB) for all JTAG IDCODEs is 1.
f SeeApplicationNote39(IEEE1149.1(JTAG)Boundary–ScanTestinginAltera
Devices) for more information on JTAG BST.
Table 8. MAX 3000A Boundary–Scan Register Length
Device
Boundary–Scan Register Length
EPM3032A
96
EPM3064A
192
EPM3128A
288
EPM3256A
480
EPM3512A
624
Table 9. 32–Bit MAX 3000A Device IDCODE Value
Note (1)
Device
IDCODE (32 bits)
Version
(4 Bits)
Part Number (16 Bits)
Manufacturer’s
Identity (11 Bits)
1 (1 Bit)
(2)
EPM3032A
0001
0111 0000 0011 0010
00001101110
1
EPM3064A
0001
0111 0000 0110 0100
00001101110
1
EPM3128A
0001
0111 0001 0010 1000
00001101110
1
EPM3256A
0001
0111 0010 0101 0110
00001101110
1
EPM3512A
0001
0111 0101 0001 0010
00001101110
1


Similar Part No. - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3128A ALTERA-EPM3128A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
710Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com