Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC440A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1.5SMC440A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5SMC440A Datasheet(HTML) 4 Page - Vishay Siliconix

  1.5SMC440A Datasheet HTML 1Page - Vishay Siliconix 1.5SMC440A Datasheet HTML 2Page - Vishay Siliconix 1.5SMC440A Datasheet HTML 3Page - Vishay Siliconix 1.5SMC440A Datasheet HTML 4Page - Vishay Siliconix 1.5SMC440A Datasheet HTML 5Page - Vishay Siliconix 1.5SMC440A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.5SMC Series
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
4
Document Number: 88303
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance Uni-Directional
Fig. 5 - Typical Transient Thermal Impedance
Fig. 6 - Maximum Non-Repetitive Forward Surge Current
Uni-Directional Use Only
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
10
100
1000
10 000
20 000
10
1
100
400
Uni-Directional
Bi-Directional
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
V
R, Measured
at Stand-Off
Voltage V
WM
VWM - Reverse Stand-Off Voltage (V)
0.1
1.0
10
100
0.001
0.01
0.1
100
10
1
1000
tp - Pulse Duration (s)
1
10
100
10
100
200
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Similar Part No. - 1.5SMC440A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5SMC440A VISHAY-1.5SMC440A Datasheet
40Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
logo
Alpha & Omega Semicondu...
1.5SMC440A AOSMD-1.5SMC440A Datasheet
707Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
logo
Vishay Siliconix
1.5SMC440A VISHAY-1.5SMC440A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
logo
Shenzhen Luguang Electr...
1.5SMC440A LUGUANG-1.5SMC440A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
1.5SMC440A VISHAY-1.5SMC440A Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
More results

Similar Description - 1.5SMC440A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com