Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D106X0010A4T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 593D106X0010A4T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D106X0010A4T Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 593D106X0010A4T Datasheet HTML 5Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 6Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 7Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 8Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 9Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 10Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 11Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 12Page - Vishay Siliconix 593D106X0010A4T Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 19-Aug-13
9
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT + 25 °C (W) IN FREE AIR
A
0.075
B
0.085
C
0.110
D
0.150
G
0.115
M
0.095
R
0.250
S
0.060
T
0.030
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
7" REEL
13" REEL
A
2000
9000
B
2000
8000
C
500
3000
D
500
2500
G
500
2500
M
2000
8000
R
600
n/a
S
2500
10 000
T
2500
10 000
PRODUCT INFORMATION
Conformal Coated Guide
www.vishay.com/doc?40150
Pad Dimensions
Packaging Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110


Similar Part No. - 593D106X0010A4T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X0010A VISHAY-593D106X0010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results

Similar Description - 593D106X0010A4T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com